Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX5205 Datasheet (PDF) - Exar Corporation

SPX5205 Datasheet PDF - Exar Corporation
Part # SPX5205
Download  SPX5205 Download
File Size   4833.62 Kbytes
Page   8 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 150mA, LOW-NOISE LDO VOLTAGE REGULATOR

SPX5205 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX5205 Datasheet PDF - Exar Corporation

Part # SPX5205
Download  SPX5205 Click to download

File Size   4833.62 Kbytes
Page   8 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 150mA, LOW-NOISE LDO VOLTAGE REGULATOR

SPX5205 Datasheet (HTML) - Exar Corporation


SPX5205 Product details

DESCRIPTION

The SPX5205 is a positive voltage regulator with very low dropout voltage, output noise and ground current

(750μA at 100mA). VOUT has a tolerance of less than 1% and is temperature compensated. Fixed output

voltages 1.2V, 1.5V, 1.8V, 2.0V, 2.5V, 2.8V, 3.0V, 3.3V, and 5.0V and an adjustable version are available

in a small 5-pin SOT-23 package. Other key features include zero off-mode current, reverse battery

protection, thermal shutdown and current limit. The SPX5205 is an excellent choice for use in battery

powered applications, and where power conservation is desired such as: cellular/ cordless telephones, radio

control systems, and portable computers.



FEATURES

■ Low Noise Output LDO: 40μVRMS Possible

■ 1% Initial Accuracy

■ Very Low Quiecent Current: 70μA

■ Low Dropout Voltage (210mV at 150mA)

■ Current and Thermal Limiting

■ Reverse-Battery Protection

■ Wide Range of Fix Output Voltages:1.2V, 1.5V, 1.8V, 2.0V, 2.5V, 2.8V, 3.0V, 3.3V and 5.0V

■ Zero Off-Mode Current

■ Small 5-Pin SOT-23

■ Pin Compatible to MIC5205/MAX8877 (fixed Options Only) and AS3815



APPLICATIONS

■ PDA

■ Battery Powered Systems

■ Cellular Phone

■ Cordless Telephones

■ Radio Control Systems

■ Laptop, Palmtop, and Notebook Computers

■ Portable Consumer Equipment

■ Portable Instrumentation

■ Bar Code Scanners

■ SMPS Post-Regulator



 




Similar Part No. - SPX5205

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
150 mA, Low-Noise LDO Voltage Regulator
SPX5205 SIPEX-SPX5205 Datasheet
184Kb / 8P
150mA, Low-Noise LDO Voltage Regulator
SPX5205M5 SIPEX-SPX5205M5 Datasheet
181Kb / 9P
150 mA, Low-Noise LDO Voltage Regulator
SPX5205M5 SIPEX-SPX5205M5 Datasheet
184Kb / 8P
150mA, Low-Noise LDO Voltage Regulator
SPX5205M5-1.8 SIPEX-SPX5205M5-1.8 Datasheet
181Kb / 9P
150 mA, Low-Noise LDO Voltage Regulator
More results


Similar Description - SPX5205

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204 Datasheet
141Kb / 4P
150mA Low Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205_04 Datasheet
184Kb / 8P
150mA, Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
150mA Low Noise LDO Voltage Regulator
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
150mA Low Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
LOW NOISE 150mA LDO REGULATOR
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com