Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX29150 Datasheet (PDF) - Exar Corporation

SPX29150 Datasheet PDF - Exar Corporation
Part # SPX29150
Download  SPX29150 Download
File Size   638.1 Kbytes
Page   13 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description FOr 1.5A Low Dropout Voltage Regulator

SPX29150 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX29150 Datasheet PDF - Exar Corporation

Part # SPX29150
Download  SPX29150 Click to download

File Size   638.1 Kbytes
Page   13 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description FOr 1.5A Low Dropout Voltage Regulator

SPX29150 Datasheet (HTML) - Exar Corporation


SPX29150 Product details

DESCRIPTION

The SPX29150/51/52/53 are 1.5A, highly accurate voltage regulators with a low dropout voltage of 390mV (typical) @ 1.5A. These regulators are specifically designed for low voltage applications that require a low dropout voltage and a fast transient response. They are fully fault protected against over-current, reverse battery, and positive and negative voltage transients. On-chip trimming adjusts the reference voltage to 1% initial accuracy. Other features in the 5 pin versions include Enable and Error Flag.



FEATURES

■ Adjustable Output Down to 1.25V

■ 1% Output Accuracy

■ Output Current of 1.5A

■ Low Dropout Voltage of 390mV @ 1.5A

■ Extremely Tight Load and Line Regulation

■ Extremely Fast Transient Response

■ Reverse-Battery Protection

■ Zero Current Shutdown (5 pin version)

■ Error Flag Signal Output for Out of Regulation State (5 pin version)

■ Standard TO-220 and TO-263 Packages



APPLICATIONS

■ Powering VGA and Sound Cards

■ LCD Monitors

■ USB Power Supplies

■ PowerPC™ Supplies

■ SMPS Post Regulators

■ High-efficiency “Green” Computer Systems

■ High-efficiency Linear Power Supplies

■ Portable Instrumentation

■ Constant Current Regulators

■ Adjustable Power Supplies

■ Battery Chargers



 




Similar Part No. - SPX29150

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29150 SIPEX-SPX29150 Datasheet
181Kb / 9P
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29150 SIPEX-SPX29150 Datasheet
78Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29150 SIPEX-SPX29150 Datasheet
665Kb / 13P
1.5A Low Dropout Voltage Regulator
SPX29150T SIPEX-SPX29150T Datasheet
181Kb / 9P
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29150T-1-8 SIPEX-SPX29150T-1-8 Datasheet
665Kb / 13P
1.5A Low Dropout Voltage Regulator
More results


Similar Description - SPX29150

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
1.5A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
1.5A Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GE2138 GTM-GE2138 Datasheet
418Kb / 5P
1.5A LOW DROPOUT VOLTAGE REGULATOR
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
1.5A LOW DROPOUT VOLTAGE REGULATOR
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX29150T-L-5-0 EXAR-SPX29150T-L-5-0 Datasheet
638Kb / 13P
1.5A Low Dropout Voltage Regulator
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com