Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAVR-001320 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAVR-001320 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAVR-001320
Download  MAVR-001320 Download
File Size   85.89 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode

MAVR-001320 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAVR-001320 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAVR-001320
Download  MAVR-001320 Click to download

File Size   85.89 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode

MAVR-001320 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAVR-001320 Product details

Description and Applications
M/A-COM’s MA4ST1300 series is a highly repeatable, UHCVD/ion-implanted, hyperabrupt silicon tuning varactor in a cost effective surface mount package. This series of varactors is designed for high capacitance ratio, and high Q for low battery voltage operation. It is efficient for wide band tuning and low phase noise application where the supply voltage is limited to 5 volts or less. The varactors are offered as singles in SC-79 and SOD-323 along with a common cathode version offered in the SC-70, 3 Lead. These diodes are offered with standard Sn/Pb plating , as well as 100% matte Sn plating on our RoHs compliant equivalent devices.

Features
• Low Series Resistance at Low Tuning Voltages
• High Capacitance Ratio at Low Tuning Voltages
• Surface Mount Plastic Packages : SC-79 , SOD-323, SC-70 ( 3L ) 
   (other packages & configurations available)
• SPC Process for Superior C vs V Repeatability
• Lead-Free (RoHs Compliant) equivalents 
   available with 260°C reflow compatibility.




Similar Part No. - MAVR-001320

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAVR-001320-11410T MACOM-MAVR-001320-11410T Datasheet
81Kb / 5P
Low Voltage/Low Rs Silicon Hyperabrupt Varactor Diode
logo
M/A-COM Technology Solu...
MAVR-001320-11410T MA-COM-MAVR-001320-11410T Datasheet
757Kb / 7P
Silicon Hyperabrupt Varactor Diode
logo
Tyco Electronics
MAVR-001320-1146FT MACOM-MAVR-001320-1146FT Datasheet
81Kb / 5P
Low Voltage/Low Rs Silicon Hyperabrupt Varactor Diode
logo
M/A-COM Technology Solu...
MAVR-001320-1146FT MA-COM-MAVR-001320-1146FT Datasheet
757Kb / 7P
Silicon Hyperabrupt Varactor Diode
logo
Tyco Electronics
MAVR-001320-12790T MACOM-MAVR-001320-12790T Datasheet
81Kb / 5P
Low Voltage/Low Rs Silicon Hyperabrupt Varactor Diode
More results


Similar Description - MAVR-001320

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
logo
Sensitron
SCP-5759 SENSITRON-SCP-5759 Datasheet
40Kb / 2P
LOW CAPACITANCE HYPERABRUPT VARACTOR DIODE
logo
Tyco Electronics
MA4ST1200 MACOM-MA4ST1200 Datasheet
79Kb / 5P
Low Tuning Voltage/Low Rs Silicon Hyperabrupt Varactor Diode
MA4ST1300 MACOM-MA4ST1300 Datasheet
81Kb / 5P
Low Voltage/Low Rs Silicon Hyperabrupt Varactor Diode
logo
M/A-COM Technology Solu...
MA4ST1200 MA-COM-MA4ST1200 Datasheet
83Kb / 5P
Low Tuning Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
MA4ST1200_V8 MA-COM-MA4ST1200_V8 Datasheet
83Kb / 5P
Low Tuning Voltage / Low Rs Silicon Hyperabrupt
MA4ST1300_V7 MA-COM-MA4ST1300_V7 Datasheet
86Kb / 5P
Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
MA4ST1200 MA-COM-MA4ST1200 Datasheet
83Kb / 5P
Low Tuning Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
MA4ST1300 MA-COM-MA4ST1300 Datasheet
86Kb / 5P
Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
MA4ST1300 MA-COM-MA4ST1300_15 Datasheet
86Kb / 5P
Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com