Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P2613 Datasheet (PDF) - SONiX Technology Company

SN8P2613 Datasheet PDF - SONiX Technology Company
Part # SN8P2613
Download  SN8P2613 Download
File Size   728.2 Kbytes
Page   102 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-Bit Micro-Controller

SN8P2613 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN8P2613 Datasheet PDF - SONiX Technology Company

Part # SN8P2613
Download  SN8P2613 Click to download

File Size   728.2 Kbytes
Page   102 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-Bit Micro-Controller

SN8P2613 Datasheet (HTML) - SONiX Technology Company


SN8P2613 Product details

FEATURES
♦ Memory configuration
    OTP ROM size: 2K * 16 bits.
    RAM size: 64 * 8 bits.
    Four levels stack buffer
♦ I/O pin configuration
    Bi-directional: P0, P1, P5.
    Input only: P1.5.
    Programmable open-drain: P1.0.
    Wakeup: P0, P1 level change trigger
    Pull-up resisters: P0, P1, P5.
    External Interrupt trigger edge:
        P0.0 controlled by PEDGE register.
        P0.1 is falling edge trigger only.
♦ 3-Level LVD.
    Reset system and power monitor.
♦ Four interrupt sources
    Two internal interrupts: T0, TC0.
    One external interrupts: INT0, INT1.
♦ Powerful instructions
    One clocks per instruction cycle (1T)
    Most of instructions are one cycle only.
    All ROM area JMP instruction.
    All ROM area CALL address instruction.
    All ROM area lookup table function (MOVC)
♦ Two 8-bit Timer/Counter
    T0: Basic timer
    TC0: Auto-reload timer/Counter/PWM0/Buzzer output
♦ On chip watchdog timer and clock source is internal
    low clock RC type (16KHz @3V, 32KHz @5V).
♦ Dual system clocks
    External high clock: RC type up to 10 MHz
    External high clock: Crystal type up to 16 MHz
    Internal high clock: 16MHz RC type.
    Internal low clock: RC type 16KHz(3V), 32KHz(5V)
♦ Operating modes
    Normal mode: Both high and low clock active
    Slow mode: Low clock only
    Sleep mode: Both high and low clock stop
    Green mode: Periodical wakeup by T0 Timer
♦ Package (Chip form support)
    PDIP 20 pins
    PDIP 18 pins
    PDIP 14 pins
    SOP 20 pins
    SOP 18 pins
    SOP 14 pins
    SSOP 20 pins




Similar Part No. - SN8P2613

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8P2614 SONIX-SN8P2614 Datasheet
729Kb / 99P
8-Bit Micro-Controller
More results


Similar Description - SN8P2613

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com