Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3325 Datasheet (PDF) - Toshiba Semiconductor

2SC3325 Datasheet PDF - Toshiba Semiconductor
Part # 2SC3325
Download  2SC3325 Download
File Size   138.43 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (AUDIO FREQUENCY SOW POWER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS)

2SC3325 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3325 Datasheet PDF - Toshiba Semiconductor

Part # 2SC3325
Download  2SC3325 Click to download

File Size   138.43 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (AUDIO FREQUENCY SOW POWER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS)

2SC3325 Datasheet (HTML) - Toshiba Semiconductor


2SC3325 Product details

Audio Frequency Low Power Amplifier Applications
Driver Stage Amplifier Applications
Switching Applications



•  Excellent hFElinearity : hFE (2)= 25 (min) (VCE= 6 V, IC= 400 mA)

•  High voltage: VCEO= 50 V (min)

•  Complementary to 2SA1313

•  Small package




Similar Part No. - 2SC3325

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3325 TOSHIBA-2SC3325 Datasheet
302Kb / 4P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency Low Power Amplifier Applications
logo
Guangdong Kexin Industr...
2SC3325 KEXIN-2SC3325 Datasheet
36Kb / 1P
Silicon NPN Epitaxial
logo
Toshiba Semiconductor
2SC3325 TOSHIBA-2SC3325 Datasheet
144Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SC3325 TOSHIBA-2SC3325 Datasheet
144Kb / 4P
Audio Frequency Low Power Amplifier Applications
2SC3325 TOSHIBA-2SC3325 Datasheet
144Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
More results


Similar Description - 2SC3325

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3665 TOSHIBA-2SC3665 Datasheet
152Kb / 2P
NPN EPITAXIAL TYPE (AUDIO POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
2SC4118 TOSHIBA-2SC4118 Datasheet
140Kb / 3P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY LOW POWER, DRIVER STAGE AMPLIFIER, SWITCHING SPPLICATIONS)
2SC4666 TOSHIBA-2SC4666 Datasheet
153Kb / 3P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY AMPLIFIER, SWITCHING APPLICATIONS)
2SC4707 TOSHIBA-2SC4707 Datasheet
146Kb / 2P
NPN EPITAXIAL TYPE (LOW FREQUENCY, DRIVER STAGE AMPLIFIER SWITCHING APPLICATIONS)
2SC4793 TOSHIBA-2SC4793 Datasheet
147Kb / 2P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, DRIVER STAGE AMPLIFIER APPLICATIONS)
2SC5052 TOSHIBA-2SC5052 Datasheet
88Kb / 1P
NPN EPITAXIAL TYPE (AUDIO POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
2SC5154 TOSHIBA-2SC5154 Datasheet
181Kb / 3P
NPN EPITAXIAL TYPE (POWER, DRIVER STAGE AMPLIFIER APPLICATIONS
2SC5171 TOSHIBA-2SC5171 Datasheet
145Kb / 2P
NPN EPITAXIAL TYPE (POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
2SA1588 TOSHIBA-2SA1588_07 Datasheet
332Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
HN1C07F TOSHIBA-HN1C07F Datasheet
138Kb / 3P
Audio Frequency Small Power Amplifier Applications Driver Stage Amplifier Applications Switching applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com