Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3326 Datasheet (PDF) - Toshiba Semiconductor

2SC3326 Datasheet PDF - Toshiba Semiconductor
Part # 2SC3326
Download  2SC3326 Download
File Size   177.97 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (FOR MUTING AND SWITCHING APPLICATIONS)

2SC3326 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3326 Datasheet PDF - Toshiba Semiconductor

Part # 2SC3326
Download  2SC3326 Click to download

File Size   177.97 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (FOR MUTING AND SWITCHING APPLICATIONS)

2SC3326 Datasheet (HTML) - Toshiba Semiconductor


2SC3326 Product details

For Muting and Switching Applications



•  High emitter-base voltage: VEBO= 25 V (min)

•  High reverse hFE: Reverse hFE= 150 (typ.) (VCE= −2 V, IC= −4 mA)

•  Low on resistance: RON= 1 Ω(typ.) (IB= 5 mA)

•  High DC current gain: hFE= 200~1200

•  Small package




Similar Part No. - 2SC3326

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3326 TOSHIBA-2SC3326 Datasheet
512Kb / 5P
Silicon NPN Epitaxial Type (PCT process) For Muting and Switching Applications
logo
Guangdong Kexin Industr...
2SC3326 KEXIN-2SC3326 Datasheet
43Kb / 2P
Silicon NPN Epitaxial
logo
Toshiba Semiconductor
2SC3326 TOSHIBA-2SC3326 Datasheet
228Kb / 5P
For Muting and Switching Applications
2SC3326 TOSHIBA-2SC3326 Datasheet
228Kb / 5P
For Muting and Switching Applications
logo
Foshan Blue Rocket Elec...
2SC3326 FOSHAN-2SC3326 Datasheet
895Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
More results


Similar Description - 2SC3326

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3327 TOSHIBA-2SC3327 Datasheet
179Kb / 3P
NPN EPITAXIAL TYPE (FOR MUTING AND SWITCHING APPLICATIONS)
2SC4213 TOSHIBA-2SC4213 Datasheet
177Kb / 4P
NPN EPITAXIAL TYPE (FOR MUTING AND SWITCHIG APPLICATIONS)
2SC5232 TOSHIBA-2SC5232 Datasheet
160Kb / 4P
NPN EPITAXIAL TYPE (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS)
HN1C03F TOSHIBA-HN1C03F Datasheet
197Kb / 4P
NPN EPITAXIAL TYPE (FOR MUTING AND SWITCHING APPLICATIONS)
HN1C03FU TOSHIBA-HN1C03FU Datasheet
197Kb / 4P
NPN EPITAXIAL TYPE (FOR MUTING AND SWITCHING APPLICATIONS)
2SC2878 TOSHIBA-2SC2878_07 Datasheet
505Kb / 4P
Silicon NPN Epitaxial Type For Muting and Switching Applications
2SC3326 TOSHIBA-2SC3326_07 Datasheet
512Kb / 5P
Silicon NPN Epitaxial Type (PCT process) For Muting and Switching Applications
2SC4213 TOSHIBA-2SC4213_07 Datasheet
507Kb / 5P
Silicon NPN Epitaxial Type (PCT process) For Muting and Switching Applications
RN1441 TOSHIBA-RN1441_07 Datasheet
697Kb / 9P
Silicon NPN Epitaxial Type (PCT Process) Muting And Switching Applications
HN1C03F TOSHIBA-HN1C03F_07 Datasheet
307Kb / 5P
Silicon NPN Epitaxial Type (PCT Process) For Muting And Switching Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com