Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT91L33 Datasheet (PDF) - Exar Corporation

XRT91L33 Datasheet PDF - Exar Corporation
Part # XRT91L33
Download  XRT91L33 Download
File Size   341.76 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT

XRT91L33 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT91L33 Datasheet PDF - Exar Corporation

Part # XRT91L33
Download  XRT91L33 Click to download

File Size   341.76 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT

XRT91L33 Datasheet (HTML) - Exar Corporation


XRT91L33 Product details

GENERAL DESCRIPTION

The XRT91L33 is a fully integrated multirate Clock and Data Recovery (CDR) device for SONET/SDH 622.08 Mbps STS-12/STM-4 or 155.52 Mbps STS-3/STM-1 applications. The device provides Clock and Data Recovery (CDR) function by synchronizing its on-chip Voltage Controlled Oscillator (VCO) to the incoming serial scrambled non-return to zero (NRZ) data stream. Figure 1 shows the block diagram of the XRT91L33.



FEATURES

• Performs clock and data recovery for selectable

   data of 622.08 Mbps (STS-12/STM-4) or 155.52

   Mbps (STS-3/STM-1) NRZ data

• Meets Telcordia, ANSI and ITU-T G.783 and G.825

   SDH jitter requirements including T1.105.03 - 2002

   SONET Jitter Tolerance specification, and GR-253

   CORE, GR-253 ILR SONET Jitter specifications.

• Lock output pin monitors data run length and frequency drift from reference clock

• Data is resampled at the output

• Active High Signal Detect (SIGD) LVPECL input

• Low jitter, high-speed outputs support LVPECL and low-power LVDS termination

• 19.44 MHz reference frequency LVTTL input

• Low power: 215 mW typical

• 3.3V power supply

• 20-pin TSSOP package

• Requires one external capacitor

• PLL bypass operation facilitates board debug process

• ESD greater than 2kV on all pins



APPLICATIONS

• SONET/SDH-based Transmission Systems

• Add/Drop Multiplexers

• Cross Connect Equipment

• ATM and Multi-Service Switches, Routers and Switch/Routers

• DSLAMS

• SONET/SDH Test Equipment

• DWDM Termination Equipment



 




Similar Part No. - XRT91L33

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L33A EXAR-XRT91L33A Datasheet
240Kb / 18P
STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
XRT91L33AIG-F EXAR-XRT91L33AIG-F Datasheet
240Kb / 18P
STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
More results


Similar Description - XRT91L33

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY69952 MICREL-SY69952 Datasheet
93Kb / 7P
OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952A MICREL-SY69952A Datasheet
97Kb / 8P
OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
Vitesse Semiconductor C...
VSC8115 VITESSE-VSC8115 Datasheet
409Kb / 12P
STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
logo
Micrel Semiconductor
SY69952 MICREL-SY69952_05 Datasheet
104Kb / 8P
OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
logo
Exar Corporation
XRT91L30_0611 EXAR-XRT91L30_0611 Datasheet
694Kb / 39P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
logo
Micrel Semiconductor
SY69952 MICREL-SY69952_11 Datasheet
104Kb / 8P
OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
logo
Exar Corporation
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L33A EXAR-XRT91L33A Datasheet
240Kb / 18P
STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com