Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAPDCC0004 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAPDCC0004 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAPDCC0004
Download  MAPDCC0004 Download
File Size   116.91 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz

MAPDCC0004 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAPDCC0004 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0004
Download  MAPDCC0004 Click to download

File Size   116.91 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz

MAPDCC0004 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAPDCC0004 Product details

Description
M/A-COM’s MAPDCC0004 is an IC-based monolithic power divider in a low cost SOIC-8 plastic package. This 2-way power splitter is ideally suited for applications where small size, low profile and low cost, without sacrificing performance are required. Typical applications include base station, portables and PCMCIA cards for DCS-1800 European applications. Available in tape and reel.

Features
• Small Size and Low Profile
• Industry Standard SOIC-8 SMT Plastic Package
• Superior Repeatability
• Excellent Amplitude Balance: 0.05 dB Typical
• Excellent Insertion Loss: 0.3 dB Typical
• Low Cost
• DCS-1800 Frequency Coverage
• Lead-Free SOIC-8 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of DS52-0005




Similar Part No. - MAPDCC0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPDCC0004 MACOM-MAPDCC0004 Datasheet
244Kb / 4P
Low Cost Two-Way SMT Power Dvider, 1700-1900 MHz
logo
M/A-COM Technology Solu...
MAPDCC0004 MA-COM-MAPDCC0004 Datasheet
116Kb / 4P
Low Cost Two-Way SMT Power
MAPDCC0004 MA-COM-MAPDCC0004 Datasheet
706Kb / 5P
Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz
logo
Tyco Electronics
MAPDCC0004-TB MACOM-MAPDCC0004-TB Datasheet
244Kb / 4P
Low Cost Two-Way SMT Power Dvider, 1700-1900 MHz
logo
M/A-COM Technology Solu...
MAPDCC0004-TB MA-COM-MAPDCC0004-TB Datasheet
706Kb / 5P
Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz
More results


Similar Description - MAPDCC0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS52-0005 MACOM-DS52-0005 Datasheet
83Kb / 2P
Low Cost Two-Way SMT Power Divider 1700 - 1900 MHz
DS56-0006 MACOM-DS56-0006 Datasheet
75Kb / 2P
Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
MAPDCC0004 MACOM-MAPDCC0004 Datasheet
244Kb / 4P
Low Cost Two-Way SMT Power Dvider, 1700-1900 MHz
DS52-0014 MACOM-DS52-0014 Datasheet
600Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 1700-2000MHz
logo
M/A-COM Technology Solu...
DS52-0005 MA-COM-DS52-0005 Datasheet
117Kb / 4P
Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz
DS52-0014 MA-COM-DS52-0014 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
DS56-0006 MA-COM-DS56-0006 Datasheet
95Kb / 4P
Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
MAPDCC0020 MA-COM-MAPDCC0020 Datasheet
92Kb / 4P
Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
MAPDCC0004 MA-COM-MAPDCC0004_15 Datasheet
706Kb / 5P
Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com