Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAPDCC0015 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAPDCC0015 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAPDCC0015
Download  MAPDCC0015 Download
File Size   107.67 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Five-Way GMIC SMT Power Divider 1850-1990 MHz

MAPDCC0015 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAPDCC0015 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0015
Download  MAPDCC0015 Click to download

File Size   107.67 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Five-Way GMIC SMT Power Divider 1850-1990 MHz

MAPDCC0015 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAPDCC0015 Product details

Description
M/A-COM’s MAPDCC0015 is an IC-based monolithic power divider using M/A-COM’s GMIC technology in a low cost SOIC-16 plastic package. This 5-way power divider is ideally suited for applications where PCB real estate is at a premium and part count reduction and cost are critical. Typical applications include base station switching networks and other cellular equipment, including subscriber units. Available in tape and reel.

Features
• Small Size, Low Profile
• Superior Repeatability (Lot-to-Lot Variation)
• Typical Isolation: 28 dB
• Typical Insertion Loss: 0.7 dB
• Low Cost
• 1 Watt Power Handling
• Lead-Free SOIC-16 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of DS55-0003




Similar Part No. - MAPDCC0015

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0015 MA-COM-MAPDCC0015 Datasheet
107Kb / 3P
Low Cost Five-Way GMIC SMT Power Divider
MAPDCC0015 MA-COM-MAPDCC0015 Datasheet
499Kb / 4P
Low Cost Five-Way GMIC SMT Power Divider
MAPDCC0015-TB MA-COM-MAPDCC0015-TB Datasheet
499Kb / 4P
Low Cost Five-Way GMIC SMT Power Divider
MAPDCC0015-TR MA-COM-MAPDCC0015-TR Datasheet
499Kb / 4P
Low Cost Five-Way GMIC SMT Power Divider
MAPDCC0015 MA-COM-MAPDCC0015_15 Datasheet
499Kb / 4P
Low Cost Five-Way GMIC SMT Power Divider
More results


Similar Description - MAPDCC0015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS53-0005 MACOM-DS53-0005 Datasheet
59Kb / 2P
Low Cost Three-Way GMIC SMT Power Divider 1850 . 1990 MHz
DS55-0003 MACOM-DS55-0003 Datasheet
27Kb / 2P
Low Cost Five-Way GMIC SMT Power Divider 1850-1990 MHz
DS55-0004 MACOM-DS55-0004 Datasheet
28Kb / 2P
Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
logo
M/A-COM Technology Solu...
DS52-0002 MA-COM-DS52-0002 Datasheet
129Kb / 4P
Low Cost Two-Way SMT Power Divider, 1850 - 1990 MHz
DS53-0005 MA-COM-DS53-0005 Datasheet
92Kb / 3P
Low Cost Three-Way GMIC SMT Power Divider, 1850 - 1990 MHz
DS55-0004 MA-COM-DS55-0004 Datasheet
89Kb / 3P
Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
MAPDCC0002 MA-COM-MAPDCC0002 Datasheet
129Kb / 4P
Low Cost Two-Way SMT Power Divider, 1850 - 1990 MHz
MAPDCC0006 MA-COM-MAPDCC0006 Datasheet
94Kb / 3P
Low Cost Three-Way GMIC SMT Power Divider, 1850 - 1990 MHz
MAPDCC0015 MA-COM-MAPDCC0015 Datasheet
107Kb / 3P
Low Cost Five-Way GMIC SMT Power Divider
MAPDCC0015 MA-COM-MAPDCC0015_15 Datasheet
499Kb / 4P
Low Cost Five-Way GMIC SMT Power Divider
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com