Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAPDCC0019 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAPDCC0019 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAPDCC0019
Download  MAPDCC0019 Download
File Size   81.86 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Six-Way Power Divider 824 - 960 MHz Rev. V2

MAPDCC0019 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAPDCC0019 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0019
Download  MAPDCC0019 Click to download

File Size   81.86 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Six-Way Power Divider 824 - 960 MHz Rev. V2

MAPDCC0019 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAPDCC0019 Product details

Description
M/A-COM’s MAPDCC0019 is an IC-based monolithic power divider in a low cost SOIC-16 plastic package. The 6-way power divider is ideally suited for applications where PCB real estate is at a premium and part count reduction and cost are critical. Typical applications include base station switching networks and other cellular equipment, including subscriber units. Available in Tape and Reel.
The MAPDCC0019 is fabricated using a passive integrated circuit process. The process features fullchip passivation for increased performance and reliability.

Features
• Small Size, Low Profile
• Superior Repeatability (Lot-to-Lot Variation)
• Typical Isolation 25 dB
• Typical Insertion Loss 0.8 dB
• Low Cost
• Lead-Free SOIC-16 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of DS56-0005




Similar Part No. - MAPDCC0019

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0019 MA-COM-MAPDCC0019 Datasheet
81Kb / 4P
Low Cost Six-Way Power Divider
MAPDCC0019 MA-COM-MAPDCC0019 Datasheet
483Kb / 5P
Low Cost Six-Way Power Divider
MAPDCC0019-TB MA-COM-MAPDCC0019-TB Datasheet
483Kb / 5P
Low Cost Six-Way Power Divider
MAPDCC0019-TR MA-COM-MAPDCC0019-TR Datasheet
483Kb / 5P
Low Cost Six-Way Power Divider
MAPDCC0019 MA-COM-MAPDCC0019_15 Datasheet
483Kb / 5P
Low Cost Six-Way Power Divider
More results


Similar Description - MAPDCC0019

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS52-0001 MACOM-DS52-0001 Datasheet
185Kb / 2P
Low Cost Two-Way SMT Power Divider 824-960 MHz
DS56-0001 MACOM-DS56-0001 Datasheet
113Kb / 2P
Low Cost Six-Way SMT Power Divider 824 - 960 MHz
DS56-0005 MACOM-DS56-0005 Datasheet
38Kb / 2P
Low Cost Six-Way SMT Power Divider 824 - 960 MHz
MAPDCC0011 MACOM-MAPDCC0011 Datasheet
155Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
DS52-0001 MA-COM-DS52-0001 Datasheet
116Kb / 4P
Low Cost Two-Way SMT Power Divider 824-960 MHz
DS52-0008 MA-COM-DS52-0008 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
DS56-0001 MA-COM-DS56-0001 Datasheet
88Kb / 4P
Low Cost Six-Way SMT Power Divider 824 - 960 MHz
DS56-0005 MA-COM-DS56-0005 Datasheet
85Kb / 4P
Low Cost Six-Way Power Divider 824 - 960 MHz
MAPDCC0001 MA-COM-MAPDCC0001 Datasheet
115Kb / 4P
Low Cost Two-Way SMT Power Divider 824-960 MHz
MAPDCC0017 MA-COM-MAPDCC0017 Datasheet
88Kb / 3P
Low Cost Six-Way SMT Power Divider 824 - 960 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com