Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAPDCC0021 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAPDCC0021 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAPDCC0021
Download  MAPDCC0021 Download
File Size   78.02 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz

MAPDCC0021 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAPDCC0021 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0021
Download  MAPDCC0021 Click to download

File Size   78.02 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz

MAPDCC0021 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAPDCC0021 Product details

Description
M/A-COM’s MAPDCC0021 is an IC-based monolithic power divider in a low cost QSOP-20 plastic package. This 8-way power divider is ideally suited for applications where PCB real estate is at a premium and part count reduction and cost are critical. Typical applications include base station switching networks and other cellular equipment, including subscriber units. Available in tape and reel.
The MAPDCC0021 is fabricated using a passive integrated circuit process. The process features fullchip passivation for increased performance and reliability.

Features
• Small Size, Low Profile
• Superior Repeatability (Lot-to-Lot Variation)
• Typical Isolation: 30 dB
• Typical Insertion Loss: 1.5 dB
• Low Cost
• 1 Watt Power Handling
• Lead-Free QSOP-20 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of DS58-0001




Similar Part No. - MAPDCC0021

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0021 MA-COM-MAPDCC0021 Datasheet
78Kb / 3P
Low Cost Eight-Way GMIC SMT Power Divider
MAPDCC0021 MA-COM-MAPDCC0021 Datasheet
530Kb / 4P
Low Cost Eight-Way GMIC SMT Power Divider 824 ??960 MHz
MAPDCC0021-TB MA-COM-MAPDCC0021-TB Datasheet
530Kb / 4P
Low Cost Eight-Way GMIC SMT Power Divider 824 ??960 MHz
MAPDCC0021-TR MA-COM-MAPDCC0021-TR Datasheet
530Kb / 4P
Low Cost Eight-Way GMIC SMT Power Divider 824 ??960 MHz
MAPDCC0021 MA-COM-MAPDCC0021_15 Datasheet
530Kb / 4P
Low Cost Eight-Way GMIC SMT Power Divider 824 ??960 MHz
More results


Similar Description - MAPDCC0021

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS52-0008 MACOM-DS52-0008 Datasheet
46Kb / 2P
Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
DS54-0005 MACOM-DS54-0005 Datasheet
45Kb / 2P
Low Cost Four-Way GMIC SMT Power Divider 824 . 960 MHz
DS58-0001 MACOM-DS58-0001 Datasheet
36Kb / 2P
Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0011 MACOM-MAPDCC0011 Datasheet
155Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
DS52-0008 MA-COM-DS52-0008 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
DS58-0001 MA-COM-DS58-0001 Datasheet
77Kb / 3P
Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0009 MA-COM-MAPDCC0009_15 Datasheet
605Kb / 5P
Low Cost Four-Way GMIC SMT Power Divider 824 ??960 MHz
MAPDCC0011 MA-COM-MAPDCC0011_15 Datasheet
646Kb / 5P
Low Cost Two-Way GMIC SMT Power Divider 824 ??960 MHz
MAPDCC0021 MA-COM-MAPDCC0021_15 Datasheet
530Kb / 4P
Low Cost Eight-Way GMIC SMT Power Divider 824 ??960 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com