Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8951B Datasheet (PDF) - SyncMOS Technologies,Inc

SM8951B Datasheet PDF - SyncMOS Technologies,Inc
Part # SM8951B
Download  SM8951B Download
File Size   215.23 Kbytes
Page   18 Pages
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc
Description 8-Bits Micro-controller

SM8951B Datasheet (PDF)

Go To PDF Page Download Datasheet
SM8951B Datasheet PDF - SyncMOS Technologies,Inc

Part # SM8951B
Download  SM8951B Click to download

File Size   215.23 Kbytes
Page   18 Pages
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc
Description 8-Bits Micro-controller

SM8951B Datasheet (HTML) - SyncMOS Technologies,Inc


SM8951B Product details

General Description
The SM8951B series product is an 8-bits single chip micro controller with 4KB flash embedded. It provides hardware features and a powerful instruction set, necessary to make it a versatile and cost effective controller for those applications demand up to 32 I/O pins or need up to 4KB flash memory either for program or for data or mixed. To program the flash block, a commercial programmer is cap-able to do it.

Feature
● Working voltage: 3.0V ~ 3.6V For L Version
● 4.5V ~ 5.5V For C Version
● General 8051 family compatible
● 12 clocks per machine cycle
● 4KB internal flash memory
● 128 bytes data RAM
● Two 16 bit timers/counters
● Four 8-bit I/O ports
● Full duplex serial channel
● Bit operation instruction
● Industrial Level
● 8-bit unsigned division
● 8-bit unsigned multiply
● BCD arithmetic
● Direct addressing
● Indirect addressing
● Nested interrupt
● Two priority level interrupt
● A serial I/O port
● Power save modes:
● Idle mode and power down mode
● Code protection function
● Strong Noise immunity
● One watch dog timer (WDT)
● Reduce EMI (inhibit ALE)




Similar Part No. - SM8951B

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89516 SYNCMOS-SM89516 Datasheet
436Kb / 19P
8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
873Kb / 22P
8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
535Kb / 25P
8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
More results


Similar Description - SM8951B

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
8-Bits Micro-controller With 4/8KB flash embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
8-Bits Micro-controller With 4KB Flash ROM embedded
SM59D03G2 SYNCMOS-SM59D03G2 Datasheet
986Kb / 67P
8-Bits Micro-controller
SM59D04G2 SYNCMOS-SM59D04G2 Datasheet
937Kb / 67P
8-Bits Micro-controller
SM59128 SYNCMOS-SM59128 Datasheet
600Kb / 32P
8-Bits Micro-controller
SM59364 SYNCMOS-SM59364 Datasheet
787Kb / 19P
8-Bits Micro-controller
logo
Feeling Technology Corp...
FM8PC71AM FEELING-FM8PC71AM Datasheet
582Kb / 73P
FTC 8-Bit Micro-Controller With 12-bits ADC
FM8PC71HM FEELING-FM8PC71HM Datasheet
605Kb / 76P
FTC 8-Bit Micro-Controller With 12-bits ADC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com