Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1952 Datasheet (PDF) - Transcom, Inc.

TC1952 Datasheet PDF - Transcom, Inc.
Part # TC1952
Download  TC1952 Download
File Size   139.52 Kbytes
Page   4 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 14 - 18 GHz 26dBm Driver MMIC

TC1952 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1952 Datasheet PDF - Transcom, Inc.

Part # TC1952
Download  TC1952 Click to download

File Size   139.52 Kbytes
Page   4 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 14 - 18 GHz 26dBm Driver MMIC

TC1952 Datasheet (HTML) - Transcom, Inc.




Similar Part No. - TC1952

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1950 TRANSCOM-TC1950 Datasheet
125Kb / 4P
14 - 18 GHz LNA MMIC
TC1953A TRANSCOM-TC1953A Datasheet
74Kb / 3P
13.75 - 14.5 GHz 21 dBm MMIC
TC1953P TRANSCOM-TC1953P Datasheet
177Kb / 3P
13.75 - 14.75 GHz 1W MMIC
TC1954 TRANSCOM-TC1954 Datasheet
157Kb / 4P
14 – 18 GHz 2W PA MMIC
logo
France Joint
TC195X225X16 FRANCEJOINT-TC195X225X16 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
More results


Similar Description - TC1952

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMDA1840 ETC-RMDA1840 Datasheet
389Kb / 7P
18-40 GHz Broad Band Driver Amplifier MMIC
logo
Fairchild Semiconductor
RMPA19000 FAIRCHILD-RMPA19000 Datasheet
232Kb / 8P
18-22 GHz Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
logo
Transcom, Inc.
TC1902 TRANSCOM-TC1902 Datasheet
271Kb / 4P
6 - 18 GHz 28dBm PA MMIC
TC1950 TRANSCOM-TC1950 Datasheet
125Kb / 4P
14 - 18 GHz LNA MMIC
TC1954 TRANSCOM-TC1954 Datasheet
157Kb / 4P
14 – 18 GHz 2W PA MMIC
logo
Hittite Microwave Corpo...
HMC635LC4 HITTITE-HMC635LC4 Datasheet
247Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
HMC635 HITTITE-HMC635_09 Datasheet
291Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
HMC635LC4 HITTITE-HMC635LC4_10 Datasheet
958Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
logo
Analog Devices
HMC558ACHIPS AD-HMC558ACHIPS Datasheet
480Kb / 32P
5.5 GHz to 14 GHz, GaAs MMIC Fundamental Mixer
3/2020-Revision 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com