Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4117 Datasheet (PDF) - Toshiba Semiconductor

2SC4117 Datasheet PDF - Toshiba Semiconductor
Part # 2SC4117
Download  2SC4117 Download
File Size   205.55 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)

2SC4117 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4117 Datasheet PDF - Toshiba Semiconductor

Part # 2SC4117
Download  2SC4117 Click to download

File Size   205.55 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)

2SC4117 Datasheet (HTML) - Toshiba Semiconductor


2SC4117 Product details

Audio Frequency General Purpose Amplifier Applications

• High voltage: VCEO = 120 V
• Excellent hFE linearity: hFE (IC = 0.1 mA)/hFE (IC = 2 mA) = 0.95 (typ.)
• High hFE: hFE = 200 to 700
• Low noise: NF = 1dB (typ.), 10dB (max)
• Complementary to 2SA1587
• Small package




Similar Part No. - 2SC4117

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC4117 KEXIN-2SC4117 Datasheet
45Kb / 1P
Silicon NPN Epitaxial
logo
Toshiba Semiconductor
2SC4117 TOSHIBA-2SC4117 Datasheet
327Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC4117-GR TOSHIBA-2SC4117-GR Datasheet
327Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC4117GR TOSHIBA-2SC4117GR Datasheet
327Kb / 4P
Audio Frequency General Purpose Amplifier Applications
More results


Similar Description - 2SC4117

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4116 TOSHIBA-2SC4116 Datasheet
211Kb / 3P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC4207 TOSHIBA-2SC4207 Datasheet
160Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC4738 TOSHIBA-2SC4738 Datasheet
153Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC4738F TOSHIBA-2SC4738F Datasheet
149Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC4944 TOSHIBA-2SC4944 Datasheet
158Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN1B01F TOSHIBA-HN1B01F Datasheet
270Kb / 5P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN1B04FU TOSHIBA-HN1B04FU Datasheet
270Kb / 5P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN1C01F TOSHIBA-HN1C01F Datasheet
155Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN1C01FU TOSHIBA-HN1C01FU Datasheet
155Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN2C01FU TOSHIBA-HN2C01FU Datasheet
156Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com