Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX-402-ECT-SB Datasheet (PDF) - Vectron International, Inc

FX-402-ECT-SB Datasheet PDF - Vectron International, Inc
Part # FX-402-ECT-SB
Download  FX-402-ECT-SB Download
File Size   466.99 Kbytes
Page   8 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Low Jitter Frequency Translator

FX-402-ECT-SB Datasheet (PDF)

Go To PDF Page Download Datasheet
FX-402-ECT-SB Datasheet PDF - Vectron International, Inc

Part # FX-402-ECT-SB
Download  FX-402-ECT-SB Click to download

File Size   466.99 Kbytes
Page   8 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Low Jitter Frequency Translator

FX-402-ECT-SB Datasheet (HTML) - Vectron International, Inc


FX-402-ECT-SB Product details

Description
The FX-402 is a precision quartz-based frequency translator used to translate 1 to 4 selected input clocks as low as 8 kHz to an integer multiple as high as 850 MHz. The FX-402’s superior jitter performance is achieved through the filtering action of the onboard voltage-controlled SAW oscillator (VCSO) and integrated loop filter. Two low-jitter outputs are provided. Monitoring and control functionality are also standard features.

Features
• Quartz-based PLL for Ultra-Low Jitter
• Frequency Translation up to 850 MHz
• Accepts 4 externally-muxed clock inputs
• LVCMOS/LVDS/LVPECL Inputs Compatible
• Differential LVPECL Outputs
• Lock Detect
• Output Disable
• 20.3 x 13.7 x 5.1 mm surface mount package
• Compliant to EC RoHS Directive

Applications
• Wireless Infrastructure
• 802.16 BTS
• 10 Gigabit FC
• 10GbE LAN / WAN
• OADM and IP Routers
• Test Equipment




Similar Part No. - FX-402-ECT-SB

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-400 VECTRON-FX-400 Datasheet
624Kb / 10P
Low Jitter Frequency Translator
FX-400-EAE-K VECTRON-FX-400-EAE-K Datasheet
365Kb / 9P
Low Jitter Frequency Translator
FX-400-EAE-S VECTRON-FX-400-EAE-S Datasheet
365Kb / 9P
Low Jitter Frequency Translator
FX-400-EAT-K VECTRON-FX-400-EAT-K Datasheet
365Kb / 9P
Low Jitter Frequency Translator
FX-400-EAT-S VECTRON-FX-400-EAT-S Datasheet
365Kb / 9P
Low Jitter Frequency Translator
More results


Similar Description - FX-402-ECT-SB

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
Low Jitter Frequency Translator
FX-500 VECTRON-FX-500 Datasheet
1,013Kb / 6P
Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
Low Jitter Frequency Translator
FX-424 VECTRON-FX-424_08 Datasheet
499Kb / 8P
Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_09 Datasheet
276Kb / 7P
Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
Low Jitter Frequency Translator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com