Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAFRIN0493 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAFRIN0493 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAFRIN0493
Download  MAFRIN0493 Download
File Size   177.89 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Surface Mount Robust Lead Circulator 902 MHz-928 MHz

MAFRIN0493 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAFRIN0493 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAFRIN0493
Download  MAFRIN0493 Click to download

File Size   177.89 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Surface Mount Robust Lead Circulator 902 MHz-928 MHz

MAFRIN0493 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - MAFRIN0493

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFRIN0493 MACOM-MAFRIN0493 Datasheet
248Kb / 3P
Surface Mount Robust Lead Circulator 902 MHz-928 MHz
More results


Similar Description - MAFRIN0493

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AND-C-108 MACOM-AND-C-108 Datasheet
95Kb / 2P
902-928 MHz Dipole Antenna
MAFRIN0493 MACOM-MAFRIN0493 Datasheet
248Kb / 3P
Surface Mount Robust Lead Circulator 902 MHz-928 MHz
MAFRIN0332 MACOM-MAFRIN0332 Datasheet
250Kb / 3P
Surface Mount Robust Lead Circulator 902 MHz-928 MHz
MAFRIN0461 MACOM-MAFRIN0461 Datasheet
135Kb / 3P
Single Junction Gull Wing Circulator 902 MHz-928 MHz
MAFRIN0497 MACOM-MAFRIN0497 Datasheet
134Kb / 3P
Single Junction Gull Wing Circulator 902 MHz-928 MHz
logo
M/A-COM Technology Solu...
MAFR-000072-DS1C1R MA-COM-MAFR-000072-DS1C1R Datasheet
94Kb / 2P
Single Junction Robust Lead Circulator 1805 MHz-1880 MHz
MAFRIN0497 MA-COM-MAFRIN0497 Datasheet
132Kb / 3P
Single Junction Gull Wing Circulator 902 MHz-928 MHz
logo
Pasternack Enterprises,...
PE51028 PASTERNACK-PE51028 Datasheet
288Kb / 2P
902 TO 928 MHz OUTDOOR OMNIDIRECTIONAL ANTENNA
logo
Skyworks Solutions Inc.
SKYFR-001387 SKYWORKS-SKYFR-001387 Datasheet
405Kb / 3P
1805-1880 MHz Single junction Robust Lead Circulator
SKYFR-001389 SKYWORKS-SKYFR-001389 Datasheet
406Kb / 3P
2110-3170 MHz Single Junction Robust Lead Circulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com