Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4539 Datasheet (PDF) - Toshiba Semiconductor

2SC4539 Datasheet PDF - Toshiba Semiconductor
Part # 2SC4539
Download  2SC4539 Download
File Size   176.91 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL PLANAR TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)

2SC4539 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4539 Datasheet PDF - Toshiba Semiconductor

Part # 2SC4539
Download  2SC4539 Click to download

File Size   176.91 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL PLANAR TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)

2SC4539 Datasheet (HTML) - Toshiba Semiconductor


2SC4539 Product details

Power Amplifier Applications
Power Switching Applications

• Low saturation voltage: VCE (sat) = 0.5 V (max) (IC = 700 mA)
• High speed switching time: tstg = 0.3 µs (typ.)
• Small flat package
• PC = 1.0 to 2.0 W (mounted on ceramic substrate)
• Complementary to 2SA1743




Similar Part No. - 2SC4539

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC4531 SAVANTIC-2SC4531 Datasheet
289Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4531 JMNIC-2SC4531 Datasheet
153Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4531 ISC-2SC4531 Datasheet
169Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4531 SAVANTIC-2SC4531 Datasheet
290Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4531 JMNIC-2SC4531_15 Datasheet
153Kb / 4P
Silicon NPN Power Transistors
More results


Similar Description - 2SC4539

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3266 TOSHIBA-2SC3266 Datasheet
146Kb / 3P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SC3328 TOSHIBA-2SC3328 Datasheet
199Kb / 4P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SC3668 TOSHIBA-2SC3668 Datasheet
203Kb / 4P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SC4408 TOSHIBA-2SC4408 Datasheet
166Kb / 2P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SC4409 TOSHIBA-2SC4409 Datasheet
73Kb / 1P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SC4540 TOSHIBA-2SC4540 Datasheet
155Kb / 3P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SC4604 TOSHIBA-2SC4604 Datasheet
166Kb / 2P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SC5028 TOSHIBA-2SC5028 Datasheet
202Kb / 3P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SC5029 TOSHIBA-2SC5029 Datasheet
195Kb / 3P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SC3328 TOSHIBA-2SC3328_06 Datasheet
134Kb / 5P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com