Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4544 Datasheet (PDF) - Toshiba Semiconductor

2SC4544 Datasheet PDF - Toshiba Semiconductor
Part # 2SC4544
Download  2SC4544 Download
File Size   203.96 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSE TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER, COLOR TV HORIZONTAL DIRVER, CHROMA OUTPUT APPLICATIONS)

2SC4544 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4544 Datasheet PDF - Toshiba Semiconductor

Part # 2SC4544
Download  2SC4544 Click to download

File Size   203.96 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSE TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER, COLOR TV HORIZONTAL DIRVER, CHROMA OUTPUT APPLICATIONS)

2SC4544 Datasheet (HTML) - Toshiba Semiconductor


2SC4544 Product details

High-Voltage Switching and Amplifier Applications
Color TV Horizontal Driver Applications
Color TV Chroma Output Applications

• High voltage: V (BR) CEO = 300 V
• Small collector output capacitance: Cob = 3.0 pF (typ.)
• Collector metal (fin) is fully covered with mold resin.




Similar Part No. - 2SC4544

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4544 TOSHIBA-2SC4544 Datasheet
134Kb / 5P
Silicon NPN Triple Diffuse Type (PCT Process)
logo
Savantic, Inc.
2SC4544 SAVANTIC-2SC4544 Datasheet
204Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4544 ISC-2SC4544 Datasheet
235Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC4544 SAVANTIC-2SC4544 Datasheet
205Kb / 3P
Silicon NPN Power Transistors
logo
Foshan Blue Rocket Elec...
2SC4544 FOSHAN-2SC4544 Datasheet
1,010Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
More results


Similar Description - 2SC4544

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3333 TOSHIBA-2SC3333 Datasheet
180Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING, COLOR TV CHROMA OUTPUT APPLICATIONS)
2SC3334 TOSHIBA-2SC3334 Datasheet
190Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING, COLOR TV CHROMA OUTPUT APPLICATIONS)
2SC3619 TOSHIBA-2SC3619 Datasheet
192Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER, COLOR TV HORIZONTAL DRIVER, COLOR TV CHROMA OUTPUT APPLICATIONS)
2SC3620 TOSHIBA-2SC3620 Datasheet
189Kb / 3P
NPN TRIPLE DIFFUSED TYPE (COLOR TV HORIZONTAL DRIVER, CHROMA OUTPUT APPLICATIONS)
2SC5027 TOSHIBA-2SC5027 Datasheet
228Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER, COLOR TV HORIZONTAL DRIVER, CHROMA OUTPUT APPLICATIONS)
logo
Wing Shing Computer Com...
BU2508DF WINGS-BU2508DF Datasheet
78Kb / 1P
NPN TRIPLE DIFFUSE PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
logo
KEC(Korea Electronics)
BF420 KEC-BF420 Datasheet
369Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER,COLOR TV CHROMA OUTPUT)
BF422 KEC-BF422 Datasheet
417Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER,COLOR TV CHROMA OUTPUT)
KTC3207 KEC-KTC3207 Datasheet
458Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE SWITCHING, COLOR TV HORIZONTAL DIRVER, COLOR TV CHROMA OUTPUT)
KTC3217 KEC-KTC3217 Datasheet
283Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE SWITCHING, COLOR TV HORIZONTAL DIRVER, COLOR TV CHROMA OUTPUT)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com