Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4685 Datasheet (PDF) - Toshiba Semiconductor

2SC4685 Datasheet PDF - Toshiba Semiconductor
Part # 2SC4685
Download  2SC4685 Download
File Size   159.97 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)

2SC4685 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4685 Datasheet PDF - Toshiba Semiconductor

Part # 2SC4685
Download  2SC4685 Click to download

File Size   159.97 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)

2SC4685 Datasheet (HTML) - Toshiba Semiconductor


2SC4685 Product details

Strobe Flash Applications

Medium Power Amplifier Applications



• High DC current gain: hFE (1) = 800 to 3200 (VCE = 2 V, IC = 0.5 A)

                              : hFE (2) = 250 (VCE = 2 V, IC = 4 A)

• Low saturation voltage: VCE (sat) = 0.5 V (max) (IC = 4 A, IB = 40 mA)

• High collector power dissipation: PC = 10 W (Tc = 25°C), PC = 1.5 W (Ta = 25°C)




Similar Part No. - 2SC4685

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4685 TOSHIBA-2SC4685 Datasheet
131Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC4685 TOSHIBA-2SC4685_04 Datasheet
131Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
More results


Similar Description - 2SC4685

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4681 TOSHIBA-2SC4681 Datasheet
86Kb / 1P
NPN EPITAXIAL TYPE (STROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC4682 TOSHIBA-2SC4682 Datasheet
139Kb / 2P
NPN EPITAXIAL TYPE (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC4684 TOSHIBA-2SC4684 Datasheet
151Kb / 2P
NPN EPITAXIAL TYPE (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SA1160 TOSHIBA-2SA1160_07 Datasheet
150Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_07 Datasheet
158Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC3072 TOSHIBA-2SC3072_05 Datasheet
161Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC4681 TOSHIBA-2SC4681_05 Datasheet
121Kb / 3P
Strobe Flash Applications Medium Power Amplifier Applications
2SC4683 TOSHIBA-2SC4683 Datasheet
184Kb / 3P
STROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS
2SC4684 TOSHIBA-2SC4684_05 Datasheet
162Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC4685 TOSHIBA-2SC4685_04 Datasheet
131Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com