Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMX-008611 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAMX-008611 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAMX-008611
Download  MAMX-008611 Download
File Size   111.72 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 - 1.0 GHz

MAMX-008611 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAMX-008611 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAMX-008611
Download  MAMX-008611 Click to download

File Size   111.72 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 - 1.0 GHz

MAMX-008611 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAMX-008611 Product details

Description
The MAMX-008611 is a floating FET mixer with an on-chip LO amplifier. The LO drive for the MAMX-008611 can range from –5 to +5 dBm without severely impacting the mixer’s performance. The MAMX-008611 is ideally suited for cellular band communications handsets’ that can provide only minimal amounts of LO drive. Typical applications include frequency up/down conversion and IQ modulation and demodulation in digital receivers and transmitters.

Features
• -5 to +5 dBm LO Drive Level
• High Isolation, 28 dB LO to RF
• Lead Free SOT-26 package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Re-flow Compatible
• RoHS Compliant Version of MD57-0001




Similar Part No. - MAMX-008611

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMX-008611 MACOM-MAMX-008611 Datasheet
125Kb / 3P
Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 GHz - 1.0 GHz
logo
M/A-COM Technology Solu...
MAMX-008611 MA-COM-MAMX-008611 Datasheet
111Kb / 3P
Low Cost MMIC Mixer with Local Oscillator Amplifier
logo
Tyco Electronics
MAMX-008611-000000 MACOM-MAMX-008611-000000 Datasheet
125Kb / 3P
Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 GHz - 1.0 GHz
MAMX-008611-TR1000 MACOM-MAMX-008611-TR1000 Datasheet
125Kb / 3P
Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 GHz - 1.0 GHz
MAMX-008611-TR3000 MACOM-MAMX-008611-TR3000 Datasheet
125Kb / 3P
Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 GHz - 1.0 GHz
More results


Similar Description - MAMX-008611

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD54-0007 MACOM-MD54-0007 Datasheet
141Kb / 3P
Low Cost MMIC Mixer, 2.1 - 2.7 GHz
MD57-0001 MACOM-MD57-0001 Datasheet
70Kb / 4P
Low Cost MMIC Mixer with Local Oscillator Amplifier, 0.8 GHz - 1.0 GHz
logo
Hittite Microwave Corpo...
HMC450QS16G HITTITE-HMC450QS16G Datasheet
387Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 0.8 - 1.0 GHz
logo
Tyco Electronics
MAMX-008611 MACOM-MAMX-008611 Datasheet
125Kb / 3P
Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 GHz - 1.0 GHz
MD57-0002 MACOM-MD57-0002 Datasheet
218Kb / 4P
High Linearity MMIC Mixer with Integrated Local Oscillator Amplifier, 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MD54-0007 MA-COM-MD54-0007 Datasheet
81Kb / 2P
Low Cost MMIC Mixer 2.1 - 2.7 GHz
MD57-0001 MA-COM-MD57-0001 Datasheet
106Kb / 3P
Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 - 1.0 GHz
MD57-0002 MA-COM-MD57-0002 Datasheet
117Kb / 4P
High Linearity MMIC Mixer with Integrated Local Oscillator Amplifier, 1700 - 2000 MHz
MAMX-008611 MA-COM-MAMX-008611 Datasheet
111Kb / 3P
Low Cost MMIC Mixer with Local Oscillator Amplifier
MAMX-008611 MA-COM-MAMX-008611_15 Datasheet
111Kb / 3P
Low Cost MMIC Mixer with Local Oscillator Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com