Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90-1263 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

AT90-1263 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # AT90-1263
Download  AT90-1263 Download
File Size   160.71 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz

AT90-1263 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT90-1263 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # AT90-1263
Download  AT90-1263 Click to download

File Size   160.71 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz

AT90-1263 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


AT90-1263 Product details

Description
M/A-COMs AT90-1263 is a GaAs FET 5-bit digital attenuator with integral TTL driver. Step size is 1.0 dB providing 31 dB total attenuation range. This device is in an FQFP-N plastic surface mount package. The AT90-1263 is ideally suited for use where accuracy, fast speed, very low power consumption and low costs are required. For dual supply designs without DC-DC converter noise, use AT90-0263.

Features
• Attenuation: 1.0dB Steps to 31dB
• Single Positive Supply
• Contains internal DC to DC converter
• Low DC Power Consumption
• Small Footprint, JEDEC Package
• Integral TTL Driver
• 50 ohm Impedance
• CSP-1 Package




Similar Part No. - AT90-1263

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-1263 MACOM-AT90-1263 Datasheet
486Kb / 5P
Digital Attenuator, 31dB, 5-Bit, TTL Driver DC - 3.0 GHz
AT90-1263 MACOM-AT90-1263 Datasheet
775Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
AT90-1263-TB MACOM-AT90-1263-TB Datasheet
486Kb / 5P
Digital Attenuator, 31dB, 5-Bit, TTL Driver DC - 3.0 GHz
AT90-1263-TB MACOM-AT90-1263-TB Datasheet
775Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
AT90-1263TR MACOM-AT90-1263TR Datasheet
486Kb / 5P
Digital Attenuator, 31dB, 5-Bit, TTL Driver DC - 3.0 GHz
More results


Similar Description - AT90-1263

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-0001 MACOM-AT90-0001 Datasheet
239Kb / 3P
Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
AT90-1263 MACOM-AT90-1263 Datasheet
775Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
AT20-0263 MA-COM-AT20-0263 Datasheet
116Kb / 4P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAATCC0010 MA-COM-MAATCC0010 Datasheet
158Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
AT-263-PIN MA-COM-AT-263-PIN Datasheet
123Kb / 4P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT90-0263 MA-COM-AT90-0263 Datasheet
157Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-009194-000100 MA-COM-MAAD-009194-000100 Datasheet
223Kb / 9P
Constant Phase Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007083-000100 MA-COM-MAAD-007083-000100 Datasheet
147Kb / 4P
Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com