Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90-1413 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

AT90-1413 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # AT90-1413
Download  AT90-1413 Download
File Size   155.58 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz

AT90-1413 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT90-1413 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # AT90-1413
Download  AT90-1413 Click to download

File Size   155.58 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz

AT90-1413 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


AT90-1413 Product details

Description
M/A-COM’s AT90-1413 is a GaAs FET 4-Bit digital attenuator with integral driver. Step size is 1 dB providing a 15 dB attenuation range. This device is in an PQFN plastic surface mount package. The AT90-1413 is suited for single supply applications where accuracy, fast speed, low power consumption and low costs are required. For dual supply designs without switching noise, use AT90-0413.

Features
• Attenuation: 1 dB Steps to 15 dB
• Single Positive Supply
• Contains Internal DC to DC Converter
• Integral TTL Driver
• 50 Ohm Impedance
• Test Boards Available
• Tape and Reel Packaging Available
• CSP-1 Package




Similar Part No. - AT90-1413

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-1413 MACOM-AT90-1413 Datasheet
263Kb / 5P
Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 4.0 GHz
AT90-1413 MACOM-AT90-1413 Datasheet
261Kb / 5P
Digital Attenuator, 15dB, 4-Bit, TTL Driver DC - 4.0 GHz
AT90-1413-TB MACOM-AT90-1413-TB Datasheet
263Kb / 5P
Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 4.0 GHz
AT90-1413-TB MACOM-AT90-1413-TB Datasheet
261Kb / 5P
Digital Attenuator, 15dB, 4-Bit, TTL Driver DC - 4.0 GHz
AT90-1413TR MACOM-AT90-1413TR Datasheet
263Kb / 5P
Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 4.0 GHz
More results


Similar Description - AT90-1413

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0213 MACOM-AT65-0213 Datasheet
210Kb / 2P
Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
AT65-0413 MACOM-AT65-0413 Datasheet
246Kb / 3P
Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
AT90-0413 MACOM-AT90-0413 Datasheet
299Kb / 5P
Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 4.0 GHz
AT90-1413 MACOM-AT90-1413 Datasheet
263Kb / 5P
Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 4.0 GHz
MAAD-007077-000100 MACOM-MAAD-007077-000100 Datasheet
263Kb / 5P
Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
MAADCC0006 MACOM-MAADCC0006 Datasheet
313Kb / 7P
Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT-213 MACOM-AT-213 Datasheet
240Kb / 3P
Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3 GHz
logo
M/A-COM Technology Solu...
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT90-0413 MA-COM-AT90-0413 Datasheet
178Kb / 7P
Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
MAAD-007077-000100 MA-COM-MAAD-007077-000100 Datasheet
182Kb / 5P
Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com