Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAPLST1617-030CF Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAPLST1617-030CF Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAPLST1617-030CF
Download  MAPLST1617-030CF Download
File Size   182.41 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description LDMOS RF Line Power FET Transistor 30 W , 1600-1700 MHz, 28V

MAPLST1617-030CF Datasheet (PDF)

Go To PDF Page Download Datasheet
MAPLST1617-030CF Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAPLST1617-030CF
Download  MAPLST1617-030CF Click to download

File Size   182.41 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description LDMOS RF Line Power FET Transistor 30 W , 1600-1700 MHz, 28V

MAPLST1617-030CF Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAPLST1617-030CF Product details

Designed for INMARSAT applications in the 1620-1670 MHz frequency band.
​​​​​​​
• Typical two tone performance (IMD=-30 dBc):
      Average output power: 15W
      Gain: 14dB (typ.)
      Efficiency: 38% (typ.)
• 10:1 VSWR ruggedness at 30W, 28V,1670MHz)




Similar Part No. - MAPLST1617-030CF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPLST1617-030CF MACOM-MAPLST1617-030CF Datasheet
203Kb / 5P
RF Power Field Effect Transistor LDMOS, 1600 - 1700 MHz, 30W, 28V
logo
M/A-COM Technology Solu...
MAPLST1617-030CF MA-COM-MAPLST1617-030CF Datasheet
181Kb / 6P
LDMOS RF Line Power FET Transistor
MAPLST1617-030CF MA-COM-MAPLST1617-030CF_15 Datasheet
181Kb / 6P
LDMOS RF Line Power FET Transistor
More results


Similar Description - MAPLST1617-030CF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPLST1617-030CF MACOM-MAPLST1617-030CF Datasheet
203Kb / 5P
RF Power Field Effect Transistor LDMOS, 1600 - 1700 MHz, 30W, 28V
logo
TriQuint Semiconductor
AGR19030EF TRIQUINT-AGR19030EF Datasheet
355Kb / 10P
30 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
T1L2003028-SP TRIQUINT-T1L2003028-SP Datasheet
378Kb / 4P
30 W, 28V, 500 MHz-2 GHz, PowerbandTM LDMOS RF Power Transistor
logo
M/A-COM Technology Solu...
MAPL-000817-015CPC MA-COM-MAPL-000817-015CPC Datasheet
140Kb / 6P
LDMOS RF Line Power FET Transistor 15 W , 800-1700 MHz, 26V
MAPL-000822-002PP MA-COM-MAPL-000822-002PP Datasheet
278Kb / 10P
LDMOS RF Line Power FET Transistor 2 W , 800-2200 MHz, 28V
MAPLST1900-060CF MA-COM-MAPLST1900-060CF Datasheet
205Kb / 7P
LDMOS RF Line Power FET Transistor 60 W , 1890-1925 MHz, 26V
MAPLST2122-030CF MA-COM-MAPLST2122-030CF Datasheet
188Kb / 7P
LDMOS RF Line Power FET Transistor 30 W , 2110-2170 MHz, 28V
logo
Infineon Technologies A...
PTF141501E INFINEON-PTF141501E Datasheet
292Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 1450-1500 MHz, 1600-1700 MHz
Rev. 04, 2008-02-13
logo
M/A-COM Technology Solu...
MAPLST1617-030CF MA-COM-MAPLST1617-030CF Datasheet
181Kb / 6P
LDMOS RF Line Power FET Transistor
MAPLST1617-030CF MA-COM-MAPLST1617-030CF_15 Datasheet
181Kb / 6P
LDMOS RF Line Power FET Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com