Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC737LP4 Datasheet (PDF) - Hittite Microwave Corporation

HMC737LP4 Datasheet PDF - Hittite Microwave Corporation
Part # HMC737LP4
Download  HMC737LP4 Download
File Size   213.3 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description MMIC VCO w/ HALF FREQUENCY OUTPUT 14.9 - 15.5 GHz

HMC737LP4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC737LP4 Datasheet PDF - Hittite Microwave Corporation

Part # HMC737LP4
Download  HMC737LP4 Click to download

File Size   213.3 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description MMIC VCO w/ HALF FREQUENCY OUTPUT 14.9 - 15.5 GHz

HMC737LP4 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC737LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC737LP4 HITTITE-HMC737LP4 Datasheet
374Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC737LP4E HITTITE-HMC737LP4E Datasheet
374Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC737LP4 HITTITE-HMC737LP4_10 Datasheet
374Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
More results


Similar Description - HMC737LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC507LP5 HITTITE-HMC507LP5 Datasheet
369Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 6.65 - 7.65 GHz
HMC511LP5 HITTITE-HMC511LP5 Datasheet
356Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
HMC531LP5 HITTITE-HMC531LP5 Datasheet
379Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 13.6 - 14.9 GHz
HMC736LP4 HITTITE-HMC736LP4 Datasheet
221Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 14.5 - 15.0 GHz
HMC507LP5 HITTITE-HMC507LP5_11 Datasheet
454Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 6.65 - 7.65 GHz
HMC736LP4 HITTITE-HMC736LP4_10 Datasheet
372Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC737LP4 HITTITE-HMC737LP4_10 Datasheet
374Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
logo
Analog Devices
HMC529LP5 AD-HMC529LP5 Datasheet
376Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC583LP5 AD-HMC583LP5 Datasheet
368Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC584LP5 AD-HMC584LP5 Datasheet
391Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com