Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC753LP4E Datasheet (PDF) - Hittite Microwave Corporation

HMC753LP4E Datasheet PDF - Hittite Microwave Corporation
Part # HMC753LP4E
Download  HMC753LP4E Download
File Size   256.38 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 11 GHz

HMC753LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC753LP4E Datasheet PDF - Hittite Microwave Corporation

Part # HMC753LP4E
Download  HMC753LP4E Click to download

File Size   256.38 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 11 GHz

HMC753LP4E Datasheet (HTML) - Hittite Microwave Corporation


HMC753LP4E Product details

General Description

The HMC753LP4E is a GaAs mmiC low Noise wideband Amplifier housed in a leadless 4x4 mm plastic surface mount package. The amplifier operates between 1 and 11 GHz, providing up to 16.5 dB of small signal gain, 1.5 dB noise figure, and output ip3 of +30 dBm, while requiring only 55 mA from a +5V supply. The p1dB  output power of up to +18 dBm enables the lNA to function as a lodriver for balanced, i/Q or image reject mixers.



Features

Noise figure: 1.5 dB @ 4 GHz

Gain: 17 dB

p1dB output power: +18 dBm

supply Voltage: +5V @ 55 mA

output ip3: +30 dBm

50 ohm matched input/output

24 lead plastic 4x4mm smT package: 16mm2



Typical Applications

This HmC753lp4eis ideal for:

point-to-point radios

point-to-multi-point radios

military & space

Test instrumentation




Similar Part No. - HMC753LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC753LP4E HITTITE-HMC753LP4E Datasheet
256Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 11 GHz
HMC753LP4E HITTITE-HMC753LP4E Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
HMC753LP4E HITTITE-HMC753LP4E Datasheet
1,015Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 11 GHz
logo
Analog Devices
HMC753LP4E AD-HMC753LP4E Datasheet
429Kb / 14P
Point to point radios
Rev. D
HMC753LP4E AD-HMC753LP4E Datasheet
282Kb / 13P
MMIC Low Noise Amplifier
Nov-2017
More results


Similar Description - HMC753LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH444 HITTITE-HMC-ALH444 Datasheet
129Kb / 3P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 12 GHz
HMC753LP4 HITTITE-HMC753LP4_09 Datasheet
256Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 11 GHz
HMC753LP4E HITTITE-HMC753LP4E_11 Datasheet
1,015Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 11 GHz
HMC-ALH444 HITTITE-HMC-ALH444_10 Datasheet
197Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 12 GHz
logo
Analog Devices
HMC504LC4B AD-HMC504LC4B Datasheet
371Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH140 AD-HMC-ALH140 Datasheet
269Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH216 AD-HMC-ALH216 Datasheet
275Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH244 AD-HMC-ALH244 Datasheet
276Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH313 AD-HMC-ALH313 Datasheet
270Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH376 AD-HMC-ALH376 Datasheet
260Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com