Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6011 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A6011 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A6011
Download  A6011 Download
File Size   1336.94 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 2000 to 6000 MHz

A6011 Datasheet (PDF)

Go To PDF Page Download Datasheet
A6011 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A6011
Download  A6011 Click to download

File Size   1336.94 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 2000 to 6000 MHz

A6011 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A6011 Product details

Description
The A6011 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage GaAs FET feedback amplifier design displays impressive performance characteristics over a broadband frequency range. An RF choke is used for DC power supply decoupling.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
● LOW NOISE FIGURE: 1.5 dB (TYP.)
● MEDIUM OUTPUT POWER: +18 dBm (TYP.)
● HIGH EFFICIENCY: 58 mA (TYP.) @ +5 Vdc
● PHEMT AMPLIFIER




Similar Part No. - A6011

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A6011 MACOM-A6011 Datasheet
105Kb / 1P
2000 TO 6000 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
A6011 ETC1-A6011 Datasheet
104Kb / 1P
2000 TO 6000 MHz CASCADABLE AMPLIFIER
logo
Tyco Electronics
A6011 MACOM-A6011 Datasheet
374Kb / 2P
Cascadable Amplifier 2000 to 6000 MHz
logo
M/A-COM Technology Solu...
A6011 MA-COM-A6011 Datasheet
637Kb / 3P
Cascadable Amplifier 2000 to 6000 MHz
A6011-SMA6011 MA-COM-A6011-SMA6011 Datasheet
1Mb / 2P
Cascadable Amplifier
More results


Similar Description - A6011

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A6011 MACOM-A6011 Datasheet
105Kb / 1P
2000 TO 6000 MHz CASCADABLE AMPLIFIER
RA62 MACOM-RA62 Datasheet
356Kb / 2P
Cascadable Amplifier 2000 to 6000 MHz
RA63-1 MACOM-RA63-1 Datasheet
492Kb / 2P
Cascadable Amplifier 2000 to 6000 MHz
logo
List of Unclassifed Man...
A6011 ETC1-A6011 Datasheet
104Kb / 1P
2000 TO 6000 MHz CASCADABLE AMPLIFIER
logo
Tyco Electronics
A6011 MACOM-A6011_1 Datasheet
374Kb / 2P
Cascadable Amplifier 2000 to 6000 MHz
logo
M/A-COM Technology Solu...
RA62 MA-COM-RA62 Datasheet
1Mb / 2P
Cascadable Amplifier 2000 to 6000 MHz
RA63-1 MA-COM-RA63-1 Datasheet
1Mb / 3P
Cascadable Amplifier 2000 to 6000 MHz
A6011 MA-COM-A6011_15 Datasheet
637Kb / 3P
Cascadable Amplifier 2000 to 6000 MHz
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
A2CP6008 TELEDYNE-A2CP6008 Datasheet
109Kb / 1P
2000-6000 MHz COUGARPAK ??AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com