Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-146 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

AM-146 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # AM-146
Download  AM-146 Download
File Size   78.17 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description High Performance Amplifier, 21 dB Gain, 10 - 500 MHz

AM-146 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM-146 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # AM-146
Download  AM-146 Click to download

File Size   78.17 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description High Performance Amplifier, 21 dB Gain, 10 - 500 MHz

AM-146 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


AM-146 Product details

Description
M/A-COM’s AM-146 is a coupler feedback amplifier with high intercept and compression points. The use of coupler feedback minimizes current in a high intercept amplifier. This amplifier is packaged in a flatpack with flanges. Due to the metal flatpack the thermal rise minimized. The ground plane on the PC board should be configured to remove heat from under the package. AM-146 is ideally suited for use where a high intercept, high reliability amplifier is required.

Features
• 4 dB Typical Midband Noise Figure
• +38 dBm Typical Midband Third Order Intercept
• +24 dBm Typical Midband 1 dB Compression




Similar Part No. - AM-146

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-146 MACOM-AM-146 Datasheet
267Kb / 3P
High Performance Amplifier, 21dB Gain 10 - 500 MHz
logo
M/A-COM Technology Solu...
AM-146 MA-COM-AM-146 Datasheet
472Kb / 4P
High Performance Amplifier
AM-146-AMC-146 MA-COM-AM-146-AMC-146 Datasheet
78Kb / 3P
High Performance Amplifier
AM-146-AMC-146 MA-COM-AM-146-AMC-146_15 Datasheet
78Kb / 3P
High Performance Amplifier
logo
Tyco Electronics
AM-146PIN MACOM-AM-146PIN Datasheet
242Kb / 3P
High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
More results


Similar Description - AM-146

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-132 MACOM-AM-AMC-132 Datasheet
86Kb / 3P
High Performance Amplifier, 10 dB Gain, 5 - 200 MHz
AM-AMC-136 MACOM-AM-AMC-136 Datasheet
255Kb / 3P
High Performance Amplifier, 20 dB Gain, 10 - 200 MHz
AM-AMC-138 MACOM-AM-AMC-138 Datasheet
255Kb / 3P
High Performance Amplifier, 25 dB Gain, 10 - 200 MHz
AM-AMC-140 MACOM-AM-AMC-140 Datasheet
255Kb / 3P
High Performance Amplifier, 29 dB Gain, 10 - 200 MHz
AM-AMC-146 MACOM-AM-AMC-146 Datasheet
242Kb / 3P
High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
AM-AMC-147 MACOM-AM-AMC-147 Datasheet
224Kb / 3P
High Performance Amplifier, 17 dB Gain, 5 - 500 MHz
AM-123 MACOM-AM-123 Datasheet
270Kb / 3P
High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-146 MACOM-AM-146 Datasheet
267Kb / 3P
High Performance Amplifier, 21dB Gain 10 - 500 MHz
logo
M/A-COM Technology Solu...
AM-123 MA-COM-AM-123 Datasheet
79Kb / 3P
High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-145 MA-COM-AM-145 Datasheet
89Kb / 3P
High Performance Amplifier, 11 dB Gain, 10 - 1000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com