Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-147 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

AM-147 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # AM-147
Download  AM-147 Download
File Size   140.69 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 500MHz

AM-147 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM-147 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # AM-147
Download  AM-147 Click to download

File Size   140.69 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 500MHz

AM-147 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


AM-147 Product details

Description
M/A-COM’s AM-147 is a coupler feedback amplifier with high intercept and compression points. The use of coupler feedback minimizes noise figure and current in a high intercept amplifier. This amplifier is packaged in a TO-8 package. Due to the internal power dissipation the thermal rise minimized. The ground plane on the PC board should be configured to remove heat from under the package. AM-147 is ideally suited for use where a high intercept, high reliability amplifier is required.

Features
• HIGH POWER OUTPUT: +21 dBm (TYP.)
• HIGH THIRD ORDER IP3: +33 dBm (TYP.)
• HIGH EFFICIENCY: 52 mA (TYP.) @ +15 Vdc




Similar Part No. - AM-147

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-147 MACOM-AM-147 Datasheet
224Kb / 3P
High Performance Amplifier, 17 dB Gain, 5 - 500 MHz
AM-147 MACOM-AM-147 Datasheet
334Kb / 2P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
AM-147 MA-COM-AM-147 Datasheet
630Kb / 3P
Cascadable Amplifier
AM-147-AMC-147 MA-COM-AM-147-AMC-147 Datasheet
140Kb / 2P
Cascadable Amplifier
AM-147-AMC-147 MA-COM-AM-147-AMC-147_15 Datasheet
140Kb / 2P
Cascadable Amplifier
More results


Similar Description - AM-147

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A12 MACOM-A12_1 Datasheet
371Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A19-1 MACOM-A19-1_1 Datasheet
364Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A26 MACOM-A26_1 Datasheet
367Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
A33 MACOM-A33 Datasheet
365Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
A35 MACOM-A35_1 Datasheet
379Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
A38 MACOM-A38_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
logo
M/A-COM Technology Solu...
AM-151 MA-COM-AM-151 Datasheet
83Kb / 2P
Cascadable Amplifier 10 to 500MHz
logo
RF Micro Devices
SBF4089Z RFMD-SBF4089Z Datasheet
643Kb / 8P
DC to 500MHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBF5089Z RFMD-SBF5089Z Datasheet
743Kb / 8P
DC to 500MHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
logo
M/A-COM Technology Solu...
AM-151 MA-COM-AM-151_15 Datasheet
481Kb / 3P
Cascadable Amplifier 10 to 500MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com