Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2BC Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

M2BC Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # M2BC
Download  M2BC Download
File Size   972.42 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Double-Balanced Mixer

M2BC Datasheet (PDF)

Go To PDF Page Download Datasheet
M2BC Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # M2BC
Download  M2BC Click to download

File Size   972.42 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Double-Balanced Mixer

M2BC Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


M2BC Product details

Description
The M2B is a double balanced mixer, designed for use in military, commercial, and test equipment applications. The design utilizes Schottky ring quad diodes and broadband ferrite baluns to attain excellent performance. This mixer can also be used as a phase detector and/or bi-phase modulator since the IF port is DC coupled to the diodes. Environmental screening is available to MIL-STD-883, MIL-STD-202, or MIL-DTL-28837, consult factory.

Features
• LO & RF: 10 TO 1600 MHz
• IF: DC TO 800 MHz
• LO DRIVE: +13 dBm (NOMINAL)
• HIGH ISOLATION: 40 dB (TYP.)




Similar Part No. - M2BC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M2BC MACOM-M2BC Datasheet
331Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2BC MA-COM-M2BC Datasheet
975Kb / 3P
Double-Balanced Mixer
logo
M-System Co.,Ltd.
M2BC-041-K MSYSTEM-M2BC-041-K Datasheet
231Kb / 8P
Super-mini Signal Conditioners Mini-M Series
M2BC-041-R MSYSTEM-M2BC-041-R Datasheet
231Kb / 8P
Super-mini Signal Conditioners Mini-M Series
M2BC-042-K MSYSTEM-M2BC-042-K Datasheet
231Kb / 8P
Super-mini Signal Conditioners Mini-M Series
More results


Similar Description - M2BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com