Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-008853 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-008853 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-008853
Download  MASW-008853 Download
File Size   115.02 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT 2.7 V High Power Switch DC - 5.0 GHz

MASW-008853 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-008853 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-008853
Download  MASW-008853 Click to download

File Size   115.02 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT 2.7 V High Power Switch DC - 5.0 GHz

MASW-008853 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASW-008853 Product details

Description
M/A-COM’s MASW-008853 is a GaAs PHEMT MMIC single pole double throw (SPDT) high power switch in a low cost SC70 six lead package. The MASW-008853 is ideally suited for applications where high power, low control voltage, low insertion loss, high isolation, small size, and low cost are required.

Features
• Low Voltage Operation: 2.7 V
• High Power: +38dBm (typ) P0.1dB
• High IP3: +56 dBm
• Low Insertion Loss: 0.25 dB @ 1 GHz
• High Isolation: 25 dB @ 1 GHz
• Lead-Free SC70 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free "Green" Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible




Similar Part No. - MASW-008853

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-008853 MACOM-MASW-008853 Datasheet
134Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 5.0 GHz
logo
M/A-COM Technology Solu...
MASW-008853 MA-COM-MASW-008853 Datasheet
115Kb / 3P
GaAs SPDT 2.7 V High Power Switch
logo
Tyco Electronics
MASW-008853-000000 MACOM-MASW-008853-000000 Datasheet
134Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 5.0 GHz
logo
M/A-COM Technology Solu...
MASW-008853-000000 MA-COM-MASW-008853-000000 Datasheet
598Kb / 4P
GaAs SPDT 2.7 V High Power Switch
logo
Tyco Electronics
MASW-008853-001SMB MACOM-MASW-008853-001SMB Datasheet
134Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 5.0 GHz
More results


Similar Description - MASW-008853

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0117 MACOM-MASWSS0117 Datasheet
128Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASWSS0204 MACOM-MASWSS0204 Datasheet
187Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASW-008853 MACOM-MASW-008853 Datasheet
134Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 5.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0204 MA-COM-MASWSS0204 Datasheet
110Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASWSS0117 MA-COM-MASWSS0117 Datasheet
82Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASWSS0117_V3 MA-COM-MASWSS0117_V3 Datasheet
143Kb / 3P
GaAs SPDT 2.7 V High Power Switch
MASWSS0204_V3 MA-COM-MASWSS0204_V3 Datasheet
142Kb / 3P
GaAs SPDT 2.7 V High Power Switch
MASWSS0204 MA-COM-MASWSS0204 Datasheet
142Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASW-008853 MA-COM-MASW-008853 Datasheet
115Kb / 3P
GaAs SPDT 2.7 V High Power Switch
MASWSS0204 MA-COM-MASWSS0204_15 Datasheet
546Kb / 4P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com