Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M67 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

M67 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # M67
Download  M67 Download
File Size   1118.34 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Double-Balanced Mixer

M67 Datasheet (PDF)

Go To PDF Page Download Datasheet
M67 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # M67
Download  M67 Click to download

File Size   1118.34 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Double-Balanced Mixer

M67 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


M67 Product details

Description
The M67 is a double balanced mixer, designed for use in military, commercial and test equipment applications. The design utilizes Schottky ring quad diodes and broadband soft dielectric and ferrite baluns to attain excellent performance. This mixer can also be used as a phase detector and/or bi-phase modulator since the IF port is DC coupled to the diodes. The use of high temperature solder and welded assembly processes used internally makes it ideal for use in manual, semi-automated assembly. Environmental screening available to MIL-STD-883, MIL-STD-202, or MIL-DTL-28837, consult factory.

Features
• LO 7 TO 17 GHz
• RF 9 TO 15 GHz
• IF DC TO 2.5 GHz
• LO DRIVE: +10 dBm (NOMINAL)
• LOW NOISE FIGURE: 6.5 dB (TYP.)




Similar Part No. - M67

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M67 MACOM-M67 Datasheet
134Kb / 2P
DOUBLE-BALANCED MIXER
logo
Micro Electronics
M67 MICRO-ELECTRONICS-M67 Datasheet
50Kb / 2P
SIMPLE MELODY GENERATOR
logo
Tyco Electronics
M67 MACOM-M67 Datasheet
514Kb / 3P
Double-Balanced Mixer
logo
Integrated Circuit Syst...
M670 ICST-M670 Datasheet
359Kb / 6P
VOLTAGE CONTROLLED SAW OSCILLATOR
Rev 12.1
M670-155.5200 ICST-M670-155.5200 Datasheet
359Kb / 6P
VOLTAGE CONTROLLED SAW OSCILLATOR
Rev 12.1
More results


Similar Description - M67

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com