Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-009444 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-009444 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-009444
Download  MASW-009444 Download
File Size   82.43 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SP2T 1.8 V Switch DC - 6.0 GHz

MASW-009444 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-009444 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-009444
Download  MASW-009444 Click to download

File Size   82.43 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SP2T 1.8 V Switch DC - 6.0 GHz

MASW-009444 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASW-009444 Product details

Description

M/A-COM’s MASW-009444 is a GaAs PHEMT MMIC single pole two throw (SP2T) switch in a miniature 1x1mm 6-lead PDFN package. The MASW-009444 is ideally suited for applications where low control voltage, low insertion loss, moderate isolation, and small size are required.

Typical applications are for filter and antenna switching in handset systems that connect separate receive functions to a common antenna, as well as other related handset and general purpose applications. This part can be used in all systems operating up to 6 GHz requiring high power at low control voltage.

The MASW-009444 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.



Features

• Voltage Operation as low as 1.6 V

• Insertion Loss: 0.20 dB @ 1 GHz

• Lead-Free 1 mm 6-Lead PDFN Package

• RoHS* Compliant and 260°C Reflow Compatible



 




Similar Part No. - MASW-009444

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-009444 MA-COM-MASW-009444 Datasheet
82Kb / 4P
GaAs SP2T 1.8 V Switch
MASW-009444-001SMB MA-COM-MASW-009444-001SMB Datasheet
544Kb / 5P
GaAs SP2T 1.8 V Switch
MASW-009444-TR3000 MA-COM-MASW-009444-TR3000 Datasheet
544Kb / 5P
GaAs SP2T 1.8 V Switch
MASW-009444 MA-COM-MASW-009444_15 Datasheet
544Kb / 5P
GaAs SP2T 1.8 V Switch
More results


Similar Description - MASW-009444

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6030G MACOM-MASW6030G Datasheet
75Kb / 3P
GaAs DPDT Switch DC - 6.0 GHz
logo
Skyworks Solutions Inc.
SKY13274-349LF SKYWORKS-SKY13274-349LF Datasheet
309Kb / 6P
PHEMT SP2T Switch 0.5-6.0 GHz
logo
M/A-COM Technology Solu...
MASW6010G MA-COM-MASW6010G Datasheet
70Kb / 4P
GaAs SPDT Switch DC - 6.0 GHz
MASW6020G MA-COM-MASW6020G Datasheet
73Kb / 4P
GaAs SPST Switch DC - 6.0 GHz
MASW6030G MA-COM-MASW6030G Datasheet
71Kb / 4P
GaAs DPDT Switch DC - 6.0 GHz
MASW-009444 MA-COM-MASW-009444 Datasheet
82Kb / 4P
GaAs SP2T 1.8 V Switch
MASW-009444 MA-COM-MASW-009444_15 Datasheet
544Kb / 5P
GaAs SP2T 1.8 V Switch
MASW6010G MA-COM-MASW6010G_15 Datasheet
489Kb / 5P
GaAs SPDT Switch DC - 6.0 GHz
MASW6020G MA-COM-MASW6020G_15 Datasheet
544Kb / 5P
GaAs SPST Switch DC - 6.0 GHz
MASW6030G MA-COM-MASW6030G_15 Datasheet
573Kb / 5P
GaAs DPDT Switch DC - 6.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com