Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDC-164 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MDC-164 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MDC-164
Download  MDC-164 Download
File Size   79.17 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Termination-Insensitive Mixer, Termination-Insensitive Mixer,

MDC-164 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDC-164 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MDC-164
Download  MDC-164 Click to download

File Size   79.17 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Termination-Insensitive Mixer, Termination-Insensitive Mixer,

MDC-164 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MDC-164 Product details

Description
The unique design of the termination insensitive mixer (TIM) enables it to apply high reverse voltage to diodes during their “off” phase, in the LO cycle. This allows for higher power level performance with minimum distortion. In addition the TIM has internal loads that provide a good match and also absorb mixer generated LO frequency terms. Combined, these features give the mixer its insensitivity to external mismatches, plus superior VSWR.

Features
• Intermodulation Ratio Insensitive to IF Ports Mismatches
• Conversion Loss: 6.5 dB Typical Midband
• Maximum Input Power: 350 mW max. @ 25°C, Derated 3.5 mW/°C
• Low Power: +24 dBm Max.
• MIL-STD-883 Screening Available




Similar Part No. - MDC-164

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MDC-164 MACOM-MDC-164 Datasheet
142Kb / 3P
Termination-Insensitive Mixer 0.5 - 9 GHz
MDC-164SMA MACOM-MDC-164SMA Datasheet
142Kb / 3P
Termination-Insensitive Mixer 0.5 - 9 GHz
More results


Similar Description - MDC-164

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CSM4TH MACOM-CSM4TH Datasheet
186Kb / 3P
Termination Insensitive Mixer
logo
M/A-COM Technology Solu...
CSM4T17 MA-COM-CSM4T17 Datasheet
86Kb / 3P
Termination Insensitive Mixer
MDS-158 MA-COM-MDS-158 Datasheet
106Kb / 3P
Termination Insensitive Mixer
CSM4T MA-COM-CSM4T Datasheet
100Kb / 3P
Termination Insensitive Mixer
CSM4T17 MA-COM-CSM4T17 Datasheet
86Kb / 3P
Termination Insensitive Mixer
MD_MDC_MDS-158 MA-COM-MD_MDC_MDS-158 Datasheet
106Kb / 3P
Termination Insensitive Mixer
MD-161 MA-COM-MD-161 Datasheet
109Kb / 3P
Termination Insensitive Mixer
MD-MDC-MDS-169 MA-COM-MD-MDC-MDS-169_15 Datasheet
105Kb / 4P
Termination Insensitive Mixer
CSM4TH MA-COM-CSM4TH_15 Datasheet
525Kb / 4P
Termination Insensitive Mixer
MD-179 MA-COM-MD-179 Datasheet
721Kb / 4P
Termination Insensitive Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com