Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF174 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF174 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF174
Download  MRF174 Download
File Size   333.77 Kbytes
Page   11 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line 125W, 200MHz

MRF174 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF174 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF174
Download  MRF174 Click to download

File Size   333.77 Kbytes
Page   11 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line 125W, 200MHz

MRF174 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF174 Product details

. . . designed primarily for wideband large–signal output and driver stages up to 200 MHz frequency range.
• Guaranteed Performance at 150 MHz, 28 Vdc
   Output Power = 125 Watts
   Minimum Gain = 9.0 dB
   Efficiency = 50% (Min)
• Excellent Thermal Stability, Ideally Suited For Class AOperation
• Facilitates Manual Gain Control, ALC and Modulation  Techniques
• 100% Tested For Load Mismatch At All Phase Angles With 30:1 VSWR
• Low Noise Figure — 3.0 dB Typ at 2.0 A, 150 MHz




Similar Part No. - MRF174

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF174 MOTOROLA-MRF174 Datasheet
168Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
logo
Tyco Electronics
MRF174 MACOM-MRF174 Datasheet
177Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF174 MA-COM-MRF174 Datasheet
333Kb / 11P
The RF MOSFET Line 125W, 200MHz
MRF174 MA-COM-MRF174_15 Datasheet
333Kb / 11P
The RF MOSFET Line
MRF174 MA-COM-MRF174_17 Datasheet
842Kb / 12P
The RF MOSFET Line 125W, 200MHz
More results


Similar Description - MRF174

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF136 MA-COM-MRF136 Datasheet
604Kb / 12P
The RF MOSFET Line
MRF174 MA-COM-MRF174 Datasheet
333Kb / 11P
The RF MOSFET Line 125W, 200MHz
MRF171A MA-COM-MRF171A_15 Datasheet
472Kb / 14P
The RF MOSFET Line
MRF173 MA-COM-MRF173_15 Datasheet
343Kb / 12P
The RF MOSFET Line
MRF175LU MA-COM-MRF175LU_15 Datasheet
238Kb / 7P
The RF MOSFET Line
MRF177 MA-COM-MRF177_15 Datasheet
438Kb / 11P
The RF MOSFET Line
MRF275L MA-COM-MRF275L_15 Datasheet
541Kb / 17P
The RF MOSFET Line
MRF136 MA-COM-MRF136_17 Datasheet
1Mb / 13P
The RF MOSFET Line
MRF173CQ MA-COM-MRF173CQ_17 Datasheet
681Kb / 10P
The RF MOSFET Line
MRF174 MA-COM-MRF174_17 Datasheet
842Kb / 12P
The RF MOSFET Line 125W, 200MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com