Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA143EE Datasheet (PDF) - Motorola, Inc

DTA143EE Datasheet PDF - Motorola, Inc
Part # DTA143EE
Download  DTA143EE Download
File Size   93.49 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description CASE 463-01, STYLE 1 SOT-416/SC-90

DTA143EE Datasheet (PDF)

Go To PDF Page Download Datasheet
DTA143EE Datasheet PDF - Motorola, Inc

Part # DTA143EE
Download  DTA143EE Click to download

File Size   93.49 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description CASE 463-01, STYLE 1 SOT-416/SC-90

DTA143EE Datasheet (HTML) - Motorola, Inc


DTA143EE Product details

Bias Resistor Transistor
PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network

The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base–emitter resistor. These digital transistors are designed to replace a single device and its external resistor bias network. The BRT eliminates these individual components by integrating them into a single device. The DTA143EE is housed in the SOT–416/SC–90 package which is ideal for low–power surface mount applications where board space is at a premium.

• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
• Available in 8 mm, 7 inch/3000 Unit Tape and Reel.




Similar Part No. - DTA143EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143EE ROHM-DTA143EE Datasheet
88Kb / 4P
Digital transistors (built-in resistors)
logo
ON Semiconductor
DTA143EE ONSEMI-DTA143EE Datasheet
142Kb / 12P
PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
logo
Weitron Technology
DTA143EE WEITRON-DTA143EE Datasheet
799Kb / 13P
Bias Resistor Transistor PNP Silicon
logo
Rohm
DTA143EE ROHM-DTA143EE Datasheet
147Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
logo
Micro Commercial Compon...
DTA143EE MCC-DTA143EE Datasheet
101Kb / 3P
PNP Digital Transistors
More results


Similar Description - DTA143EE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAS16WT1 MOTOROLA-BAS16WT1 Datasheet
98Kb / 6P
CASE 419-02, STYLE 2 SC-70/SOT-323
BAS4006LT1 MOTOROLA-BAS4006LT1 Datasheet
76Kb / 4P
CASE 318-08, STYLE 11 SOT-23 (TO-236AB)
BAV70WT1 MOTOROLA-BAV70WT1 Datasheet
99Kb / 6P
CASE 419-02, STYLE 5 SC-70/SOT-323
BC846AWT1 MOTOROLA-BC846AWT1 Datasheet
207Kb / 6P
CASE 419-02, STYLE 3 SOT-323/SC-70
BC856ALT1 MOTOROLA-BC856ALT1 Datasheet
249Kb / 8P
CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
BC856AWT1 MOTOROLA-BC856AWT1 Datasheet
251Kb / 8P
CASE 419-02, STYLE 3 SOT-323/SC-70
DAN222 MOTOROLA-DAN222 Datasheet
90Kb / 6P
SOT-416/SC-90 PACKAGE COMMON CATHODE DUAL SWITCHING DIODE SURFACE MOUNT
DAP222 MOTOROLA-DAP222 Datasheet
90Kb / 6P
SOT-416/SC-90 PACKAGE COMMON ANODE DUAL SWITCHING DIODE SURFACE MOUNT
DTC114TE MOTOROLA-DTC114TE Datasheet
91Kb / 4P
CASE 463-01, STYLE 1 SOT-416/SC-90
DTC114YE MOTOROLA-DTC114YE Datasheet
144Kb / 6P
CASE 463-01, STYLE 1 SOT-416/SC-90
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com