Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH1819-45 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

PH1819-45 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # PH1819-45
Download  PH1819-45 Download
File Size   184.67 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Wireless Bipolar Power Transistor 45W, 1805-1880 MHz

PH1819-45 Datasheet (PDF)

Go To PDF Page Download Datasheet
PH1819-45 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # PH1819-45
Download  PH1819-45 Click to download

File Size   184.67 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Wireless Bipolar Power Transistor 45W, 1805-1880 MHz

PH1819-45 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


PH1819-45 Product details

Features
• NPN silicon microwave power transistor
• Common emitter Class AB operation
• Internal input and output impedance matching
• Diffused emitter ballasting
• Gold metallization system




Similar Part No. - PH1819-45

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1819-45 MACOM-PH1819-45 Datasheet
137Kb / 2P
Wireless Bipolar Power Transistor, 45W 1805 - 1880 MHz
PH1819-45A MACOM-PH1819-45A Datasheet
104Kb / 2P
Wireless Power Transistor 45 Watts, 1805 - 1880 MHz
More results


Similar Description - PH1819-45

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1819-45A MACOM-PH1819-45A Datasheet
104Kb / 2P
Wireless Power Transistor 45 Watts, 1805 - 1880 MHz
PH1819-90 MACOM-PH1819-90 Datasheet
108Kb / 1P
Wireless Power Transistor 90 Watts, 1805-1880 MHz
PHM1880-15 MACOM-PHM1880-15 Datasheet
130Kb / 2P
Wireless Power Module, 15W 1805-1880 MHz
PH1920-45 MACOM-PH1920-45 Datasheet
146Kb / 2P
WIRELESS BIPOLAR POWER TRASISTOR 45W 1930-1990 MHZ
PH1819-45 MACOM-PH1819-45 Datasheet
137Kb / 2P
Wireless Bipolar Power Transistor, 45W 1805 - 1880 MHz
logo
Stealth Microwave, Inc.
SM1819-52LD STEALTH_MICROWAVE-SM1819-52LD Datasheet
150Kb / 3P
1805 - 1880 MHz 160 Watt Power Amplifier
logo
TriQuint Semiconductor
AGR18060E TRIQUINT-AGR18060E Datasheet
426Kb / 9P
60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
logo
M/A-COM Technology Solu...
PH1819-33 MA-COM-PH1819-33 Datasheet
180Kb / 2P
Wireless Bipolar Power Transistor 33W, 1805-1880 MHz
PH1920-45 MA-COM-PH1920-45 Datasheet
138Kb / 2P
Wireless Bipolar Power Transistor 45W, 1930-1990 MHz
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1109B301T WALSIN-RFBPF1109B301T Datasheet
568Kb / 7P
1805 ~ 1880 MHz Working Frequency
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com