Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-162-PIN Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-162-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-162-PIN
Download  SW-162-PIN Download
File Size   54.83 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Matched SPDT RF Switch, 20 - 1500 MHz

SW-162-PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-162-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-162-PIN
Download  SW-162-PIN Click to download

File Size   54.83 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Matched SPDT RF Switch, 20 - 1500 MHz

SW-162-PIN Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-162-PIN Product details

Features
• Internally Terminated
• Integral TTL Driver
• Low Loss: 0.8 dB Typical
• 50 Ohm Nominal Impedance
• MIL-STD-883 Screening Available




Similar Part No. - SW-162-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-162-PIN MACOM-SW-162-PIN Datasheet
137Kb / 3P
Matched SPDT RF Switch, 20-1500MHz
More results


Similar Description - SW-162-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-112 MACOM-SW-112 Datasheet
106Kb / 1P
SPDT RF Switch 20 - 2000 MHz
SW-162 MACOM-SW-162 Datasheet
83Kb / 1P
Matched SPDT RF Switch 20 - 1500 MHz
SW-164 MACOM-SW-164 Datasheet
101Kb / 1P
Matched SP4T RF Switch 20 - 1500 MHz
SW-112-PIN MACOM-SW-112-PIN Datasheet
135Kb / 3P
SPDT RF Switch, 20 - 2000 MHz
SW-162-PIN MACOM-SW-162-PIN Datasheet
137Kb / 3P
Matched SPDT RF Switch, 20-1500MHz
SW-163-PIN MACOM-SW-163-PIN Datasheet
138Kb / 3P
Matched SP3T RF Switch, 20 - 1500 MHz
SW-164-PIN MACOM-SW-164-PIN Datasheet
138Kb / 3P
Matched SP4T RF Switch, 20 - 1500 MHz
logo
M/A-COM Technology Solu...
SW-112-PIN MA-COM-SW-112-PIN Datasheet
54Kb / 3P
SPDT RF Switch, 20 - 2000 MHz
SW-163-PIN MA-COM-SW-163-PIN Datasheet
55Kb / 3P
Matched SP3T RF Switch, 20 - 1500 MHz
SW-164-PIN MA-COM-SW-164-PIN Datasheet
55Kb / 3P
Matched SP4T RF Switch, 20-1500 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com