Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-225-PIN Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-225-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-225-PIN
Download  SW-225-PIN Download
File Size   65.93 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch, DC - 2 GHz

SW-225-PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-225-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-225-PIN
Download  SW-225-PIN Click to download

File Size   65.93 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch, DC - 2 GHz

SW-225-PIN Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-225-PIN Product details

Features
• Low Insertion Loss, 0.5 dB Typical
• Integral TTL Driver
• Low DC Power Consumption
• 50 Ohm Nominal Impedance
• MIL-STD-883 screening available




Similar Part No. - SW-225-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-225-PIN MACOM-SW-225-PIN Datasheet
126Kb / 3P
GaAs SPDT Switch, DC - 2 GHz
More results


Similar Description - SW-225-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-224 MACOM-SW-224 Datasheet
24Kb / 2P
GaAs SPDT Switch DC-2 GHz
SW-229 MACOM-SW-229 Datasheet
211Kb / 3P
Connectorized SPDT GaAs Switch, DC - 2 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-224-PIN MACOM-SW-224-PIN Datasheet
126Kb / 3P
GaAs SPDT Switch, DC - 2 GHz
SW-226-PIN MACOM-SW-226-PIN Datasheet
141Kb / 4P
GaAs SPDT Switch DC - 4 GHz
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS400 HW-HWS400 Datasheet
139Kb / 3P
GaAs DC-2 GHz SPDT Terminated Switch
HWS426 HW-HWS426 Datasheet
73Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS450 HW-HWS450 Datasheet
80Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS2702 HW-HWS2702 Datasheet
115Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com