Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-394 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-394 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-394
Download  SW-394 Download
File Size   80.77 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT High Isolation Terminated Switch 0.5 - 2.0 GHz

SW-394 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-394 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-394
Download  SW-394 Click to download

File Size   80.77 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT High Isolation Terminated Switch 0.5 - 2.0 GHz

SW-394 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-394 Product details

Description
M/A-COM’s SW-394 is a GaAs monolithic SPDT terminated switch in a low cost SOIC 8-lead plastic package. The SW-394 is ideally suited for use where low power consumption and high isolation are required.
Typical applications include transmit/receive switching, switch matrices and switched filter banks in systems such as radio and cellular equipment.
The SW-394 is fabricated using a mature 1-micron gate length GaAs MESFET process. The process features full chip passivation for increased performance and reliability.

Features
• Terminated RF Output
• High Isolation: 35 dB up to 2 GHz
• Positive Control
• Nanosecond Switching Speed
• CMOS Compatible Logic
• SOIC-8 Plastic Package




Similar Part No. - SW-394

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-394 MACOM-SW-394 Datasheet
36Kb / 2P
GaAs SPDT High Isolation Terminated Switch
logo
M/A-COM Technology Solu...
SW-394 MA-COM-SW-394 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW-394PIN MACOM-SW-394PIN Datasheet
36Kb / 2P
GaAs SPDT High Isolation Terminated Switch
SW-394TR MACOM-SW-394TR Datasheet
36Kb / 2P
GaAs SPDT High Isolation Terminated Switch
More results


Similar Description - SW-394

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0024 MACOM-MASWSS0024 Datasheet
219Kb / 3P
SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
SW-475 MACOM-SW-475 Datasheet
91Kb / 4P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
SW-393 MACOM-SW-393 Datasheet
129Kb / 3P
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
MASWSS0121 MACOM-MASWSS0121 Datasheet
198Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0121 MA-COM-MASWSS0121 Datasheet
117Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
SW-393 MA-COM-SW-393 Datasheet
108Kb / 3P
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
SW-475 MA-COM-SW-475 Datasheet
116Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
Hexawave, Inc
HWS531_V2 HW-HWS531_V2 Datasheet
54Kb / 3P
GaAs 0.5-6 GHz SPDT Terminated Switch
HWS517_V1 HW-HWS517_V1 Datasheet
90Kb / 3P
GaAs 0.5-3 GHz SPDT Terminated Switch
HWS516_V1 HW-HWS516_V1 Datasheet
79Kb / 3P
GaAs 0.5-3 GHz SPDT Terminated Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com