Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H11A1 Datasheet (PDF) - Motorola, Inc

H11A1 Datasheet PDF - Motorola, Inc
Part # H11A1
Download  H11A1 Download
File Size   262.16 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 6-Pin DIP Optoisolators Transistor Output

H11A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
H11A1 Datasheet PDF - Motorola, Inc

Part # H11A1
Download  H11A1 Click to download

File Size   262.16 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 6-Pin DIP Optoisolators Transistor Output

H11A1 Datasheet (HTML) - Motorola, Inc


H11A1 Product details

The H11A1 device consists of a gallium arsenide infrared emitting diode optically coupled to a monolithic silicon phototransistor detector.

• Current Transfer Ratios (CTR) 30% and 50%
• Economical Optoisolators for General Purpose/High Volume Applications
• To order devices that are tested and marked per VDE 0884 requirements, the
   suffix ”V” must be included at end of part number. VDE 0884 is a test option.

Applications
• General Purpose Switching Circuits
• Interfacing and coupling systems of different potentials and impedances
• Monitor and Detection Circuits




Similar Part No. - H11A1

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11A1 QT-H11A1 Datasheet
325Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11A1 FAIRCHILD-H11A1 Datasheet
608Kb / 15P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A1 FAIRCHILD-H11A1 Datasheet
210Kb / 15P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Infineon Technologies A...
H11A1 INFINEON-H11A1 Datasheet
408Kb / 6P
Industry Standard Single Channel 6 Pin DIP Optocoupler
March 27, 2000-00
logo
List of Unclassifed Man...
H11A1 ETC1-H11A1 Datasheet
416Kb / 4P
VDE APPROVED TRANSISTOR OUTPUT OPTOCOUPLER
More results


Similar Description - H11A1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
6-Pin DIP Optoisolators Transistor Output
H11AA1 MOTOROLA-H11AA1 Datasheet
281Kb / 6P
6-Pin DIP Optoisolators AC Input/Transistor Output
H11L1 MOTOROLA-H11L1 Datasheet
275Kb / 6P
6-Pin DIP Optoisolators Logic Output
M4N25 MOTOROLA-M4N25 Datasheet
139Kb / 8P
6-Pin DIP Optoisolators Transistor Output
M4N26 MOTOROLA-M4N26 Datasheet
139Kb / 8P
6-Pin DIP Optoisolators Transistor Output
M4N37 MOTOROLA-M4N37 Datasheet
140Kb / 8P
6-Pin DIP Optoisolators Transistor Output
MCT2 MOTOROLA-MCT2 Datasheet
267Kb / 6P
6-Pin DIP Optoisolators Transistor Output
MOC5007 MOTOROLA-MOC5007 Datasheet
292Kb / 6P
6-Pin DIP Optoisolators Logic Output
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M Datasheet
516Kb / 9P
6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
American Microsemicondu...
4N25 AMMSEMI-4N25 Datasheet
1Mb / 6P
6-Pin DIP Optoisolators Transistor Output
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com