Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5255 Datasheet (PDF) - Toshiba Semiconductor

2SC5255 Datasheet PDF - Toshiba Semiconductor
Part # 2SC5255
Download  2SC5255 Download
File Size   198.83 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND SOW NOISE AMPLIFIER APPLICATIONS)

2SC5255 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5255 Datasheet PDF - Toshiba Semiconductor

Part # 2SC5255
Download  2SC5255 Click to download

File Size   198.83 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND SOW NOISE AMPLIFIER APPLICATIONS)

2SC5255 Datasheet (HTML) - Toshiba Semiconductor


2SC5255 Product details

VHF~UHF Band Low Noise Amplifier Applications

• Low noise figure: NF = 1.5dB (f = 2 GHz)
• High gain: Gain = 8.5dB (f = 2 GHz)




Similar Part No. - 2SC5255

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5250 HITACHI-2SC5250 Datasheet
71Kb / 5P
Silicon NPN Triple Diffused Planar
logo
Inchange Semiconductor ...
2SC5250 ISC-2SC5250 Datasheet
124Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC5250 SAVANTIC-2SC5250 Datasheet
142Kb / 4P
Silicon NPN Power Transistors
2SC5250 SAVANTIC-2SC5250 Datasheet
144Kb / 4P
Silicon NPN Power Transistors
logo
Hitachi Semiconductor
2SC5251 HITACHI-2SC5251 Datasheet
35Kb / 6P
Silicon NPN Triple Diffused Planar
More results


Similar Description - 2SC5255

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3605 TOSHIBA-2SC3605 Datasheet
294Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC3606 TOSHIBA-2SC3606 Datasheet
312Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC4842 TOSHIBA-2SC4842 Datasheet
352Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC5065 TOSHIBA-2SC5065 Datasheet
346Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC5066 TOSHIBA-2SC5066 Datasheet
345Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC5066FT TOSHIBA-2SC5066FT Datasheet
81Kb / 1P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC5085 TOSHIBA-2SC5085 Datasheet
349Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC5087 TOSHIBA-2SC5087 Datasheet
358Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC5090 TOSHIBA-2SC5090 Datasheet
344Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC5094 TOSHIBA-2SC5094 Datasheet
344Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com