Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA45-1 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

LA45-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # LA45-1
Download  LA45-1 Download
File Size   1283.27 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 1000 to 4000 MHz

LA45-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA45-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # LA45-1
Download  LA45-1 Click to download

File Size   1283.27 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 1000 to 4000 MHz

LA45-1 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


LA45-1 Product details

Description
The LA45-1 limiting amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This design uses a Schottky diode limiter circuit at the input, and a two-stage GaAs FET feedback amplifier at the output.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• SYMMETRICAL CLIPPING: GOOD EVEN-ORDER SUPPRESSION
• HIGH OUTPUT LEVEL: +17.0 dBm (TYP.)
• MEDIUM GAIN: 14.0 dB (TYP.)
• WIDE BANDWIDTH: 0.8-4.2 GHz (TYP.)




Similar Part No. - LA45-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LA45-1 MACOM-LA45-1 Datasheet
434Kb / 3P
Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
LA45-1_SMLA45-1 MA-COM-LA45-1_SMLA45-1 Datasheet
1Mb / 3P
Cascadable Amplifier
More results


Similar Description - LA45-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RA46 MACOM-RA46 Datasheet
455Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45-1 MACOM-A45-1_1 Datasheet
383Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45 MACOM-A45_1 Datasheet
381Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
LA45 MACOM-LA45 Datasheet
407Kb / 3P
Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A45-1 MA-COM-A45-1 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A4012 MA-COM-A4012 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
PA48 MA-COM-PA48 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
RA46 MA-COM-RA46 Datasheet
186Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45_15 Datasheet
643Kb / 3P
Cascadable Amplifier 1000 to 4000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com