Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW410B-1 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MA4SW410B-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MA4SW410B-1
Download  MA4SW410B-1 Download
File Size   784.69 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMIC??Silicon PIN Diode Switch with Integrated Bias Network

MA4SW410B-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4SW410B-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MA4SW410B-1
Download  MA4SW410B-1 Click to download

File Size   784.69 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMIC??Silicon PIN Diode Switch with Integrated Bias Network

MA4SW410B-1 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MA4SW410B-1 Product details

Description
The MA4SW410B-1 device is a SP4T broadband switch with integrated bias network utilizing M/A-COM Technology Solutions HMICTM (Heterolithic Microwave Integrated Circuit) process, US Patent 5,268,310. This process allows the incorporation of silicon pedestals that form series and shunt diodes or vias by imbedding them in low loss, low dispersion glass. By using small spacing between elements, this combination of silicon and glass gives HMIC devices low loss and high isolation performance with exceptional repeatability through low millimeter frequencies. Large bond pads facilitate the use of low inductance ribbon bonds, while gold backside metallization allows for manual or automatic chip bonding via 80/20 - Au/Sn, 62/36/2 - Sn/Pb/Ag solders or electrically conductive silver epoxy.

Features
● Broad Bandwidth Specified up to 18 GHz
● Usable up to 26 GHz
● Integrated Bias Network
● Low Insertion Loss / High Isolation
● Rugged, Glass Encapsulated Construction
● Fully Monolithic
● RoHS Compliant* and 260°C Reflow Compatible

Applications
    These high performance switches are suitable for use in multi-band ECM, Radar, and instrumentation control circuits where high isolation to insertion loss ratios are required. With a standard +5V/-5V, TTL controlled PIN diode driver, 80nS switching speeds can be achieved.




Similar Part No. - MA4SW410B-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW410B-1 MACOM-MA4SW410B-1 Datasheet
270Kb / 6P
SP4T PIN Diode with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW410B-1 MA-COM-MA4SW410B-1 Datasheet
781Kb / 6P
HMIC??Silicon PIN Diode Switch
MA4SW410B-1 MA-COM-MA4SW410B-1_14 Datasheet
978Kb / 6P
Broad Bandwidth Specified up to 18 GHz
MA4SW410B-1_V4 MA-COM-MA4SW410B-1_V4 Datasheet
781Kb / 6P
HMIC??Silicon PIN Diode Switch
More results


Similar Description - MA4SW410B-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
HMIC??Silicon PIN Diode Switch with Integrated Bias Network
MASW-011052 MA-COM-MASW-011052 Datasheet
703Kb / 6P
HMIC Silicon PIN Diode SP2T Switch with Integrated Bias Network
MASW-011053 MA-COM-MASW-011053 Datasheet
707Kb / 6P
HMIC Silicon PIN Diode SP3T Switch with Integrated Bias Network
MASW011052 MA-COM-MASW011052_15 Datasheet
703Kb / 6P
HMIC Silicon PIN Diode SP2T Switch with Integrated Bias Network
MASW011053 MA-COM-MASW011053_15 Datasheet
707Kb / 6P
HMIC Silicon PIN Diode SP3T Switch with Integrated Bias Network
MASW-011052 MA-COM-MASW-011052_15 Datasheet
703Kb / 6P
HMIC Silicon PIN Diode SP2T Switch with Integrated Bias Network
MASW-011053 MA-COM-MASW-011053_15 Datasheet
707Kb / 6P
HMIC Silicon PIN Diode SP3T Switch with Integrated Bias Network
MA4SW610B-1 MA-COM-MA4SW610B-1_16 Datasheet
702Kb / 7P
HMIC Silicon SP6T PIN Diode Switch with Integrated Bias Network
MASW-006102-1361 MA-COM-MASW-006102-1361 Datasheet
696Kb / 6P
HMIC Silicon SP6T PIN Diode Switch with Integrated Bias Network
MA4SW210B-1 MA-COM-MA4SW210B-1_15 Datasheet
705Kb / 7P
HMIC Silicon PIN Diode Switches with Integrated Bias Network
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com