Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW424B-1 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MA4SW424B-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MA4SW424B-1
Download  MA4SW424B-1 Download
File Size   447.46 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SP4T 24GHz PIN Diode Switch with Integrated Bias Network

MA4SW424B-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4SW424B-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MA4SW424B-1
Download  MA4SW424B-1 Click to download

File Size   447.46 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SP4T 24GHz PIN Diode Switch with Integrated Bias Network

MA4SW424B-1 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MA4SW424B-1 Product details

Description
The MA4SW424B-1 is a SP4T switch with an integrated bias network which utilizes M/A-COM Technology Solutions HMICTM (Heterolithic Microwave Integrated Circuit) process, US Patent 5,268,310. This process allows the incorporation of silicon pedestals that form series and/or shunt diodes or vias by imbedding them in a low loss, low dispersion glass. By using small spacing between elements, this combination of silicon and glass gives HMIC devices exceptional low loss and high isolation performance with exceptional repeatability through lower millimeter frequencies.

Features
♦ Frequency of Operation: 24 +/- 2 GHz
♦ Fully Integrated Bias Network
♦ Low Power Consumption +12mA for Insertion Loss, 0V for Isolation
♦ The Device is Wire Bond Compensated at all RF Ports for RF Matching
♦ Rugged, Monolithic, Glass Encapsulated Construction
♦ RoHS Compliant




Similar Part No. - MA4SW424B-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW424B-1 MACOM-MA4SW424B-1 Datasheet
1Mb / 6P
Monolithic SP4T PIN Diode Switch With Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW424B-1 MA-COM-MA4SW424B-1 Datasheet
447Kb / 6P
SP4T 24GHz PIN Diode Switch with Integrated Bias Network
More results


Similar Description - MA4SW424B-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW410B-1 MACOM-MA4SW410B-1 Datasheet
270Kb / 6P
SP4T PIN Diode with Integrated Bias Network
MA4SW424B-1 MACOM-MA4SW424B-1 Datasheet
1Mb / 6P
Monolithic SP4T PIN Diode Switch With Integrated Bias Network
MA4SW510B-1 MACOM-MA4SW510B-1 Datasheet
245Kb / 6P
SP5T PIN Diode Switch with Integrated Bias Network
MA4SW610B-1 MACOM-MA4SW610B-1 Datasheet
248Kb / 6P
SP6T PIN Diode Switch with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW424B-1 MA-COM-MA4SW424B-1 Datasheet
447Kb / 6P
SP4T 24GHz PIN Diode Switch with Integrated Bias Network
MA4SW610B-1 MA-COM-MA4SW610B-1 Datasheet
115Kb / 6P
SP6T PIN Diode Switch with Integrated Bias Network
MA4SW424B MA-COM-MA4SW424B_15 Datasheet
447Kb / 6P
SP4T 24GHz PIN Diode Switch with Integrated Bias Network
MA4SW610B MA-COM-MA4SW610B_15 Datasheet
115Kb / 6P
SP6T PIN Diode Switch with Integrated Bias Network
MASW-004102-12760 MA-COM-MASW-004102-12760_14 Datasheet
975Kb / 6P
Silicon SP4T PIN Diode Switch with Integrated Bias Network
MASW-005102-13600 MA-COM-MASW-005102-13600 Datasheet
720Kb / 6P
Silicon SP5T PIN Diode Switch with Integrated Bias Network
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com