Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW510 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MA4SW510 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MA4SW510
Download  MA4SW510 Download
File Size   489.98 Kbytes
Page   7 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMIC??Silicon SP5T PIN Diode Switch RoHS Compliant

MA4SW510 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4SW510 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MA4SW510
Download  MA4SW510 Click to download

File Size   489.98 Kbytes
Page   7 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMIC??Silicon SP5T PIN Diode Switch RoHS Compliant

MA4SW510 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MA4SW510 Product details

Description
The MA4SW510 is a SP5T, series-shunt, broadband, PIN diode switch made with MACOM’s patented HMIC™ (Heterolithic Microwave Integrated Circuit) process. This process allows the silicon pedestals which form the series-shunt diodes and vias to be embedded into low loss, low dispersion glass. By incorporating small spacing between circuit elements, the result is an HMIC chip with low insertion loss and high isolation at frequencies up to 26.5 GHz. It is designed to be used as a moderate power, high performance switch and provide superior performance when compared to similar designs that use discrete components.

Features
• Broad Bandwidth
• Specified from 50 MHz to 20.0 GHz
• Usable from 50 MHz to 26.5 GHz
• Lower Insertion Loss / Higher Isolation
• Fully Monolithic, Glass Encapsulated Chip
• Up to +30 dBm CW Power Handling @ +25°C
• RoHS* Compliant

Applications
• Aerospace & Defense
• ISM




Similar Part No. - MA4SW510

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW510 MACOM-MA4SW510 Datasheet
216Kb / 5P
SP5T PIN Diode Reflective Switch
logo
M/A-COM Technology Solu...
MA4SW510 MA-COM-MA4SW510 Datasheet
474Kb / 7P
HMIC??Silicon SP5T PIN Diode Switch
logo
Tyco Electronics
MA4SW510B-1 MACOM-MA4SW510B-1 Datasheet
245Kb / 6P
SP5T PIN Diode Switch with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
HMIC??Silicon PIN Diode Switch with Integrated Bias Network
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
HMIC??Silicon PIN Diode Switch
More results


Similar Description - MA4SW510

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSW5 MA-COM-MA4AGSW5 Datasheet
130Kb / 7P
SP5T AlGaAs PIN Diode Switch RoHS Compliant
MASW-001100-1190 MA-COM-MASW-001100-1190 Datasheet
343Kb / 9P
HMIC??Silicon PIN Diode Switches RoHs Compliant
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
140Kb / 7P
HMIC??Silicon PIN Diode Switch
MA4SW110 MA-COM-MA4SW110 Datasheet
302Kb / 8P
HMIC??Silicon PIN Diode Switches RoHS Compliant
MA4SW410 MA-COM-MA4SW410 Datasheet
125Kb / 7P
HMIC??Silicon SP4T PIN Diode Switch RoHS Compliant
MASW-005100-1194 MA-COM-MASW-005100-1194_2 Datasheet
560Kb / 7P
HMIC SP5T Silicon PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
560Kb / 7P
HMIC??SP5T Silicon PIN Diode Switch
MA4SW510 MA-COM-MA4SW510 Datasheet
474Kb / 7P
HMIC??Silicon SP5T PIN Diode Switch
MA4SW510 MA-COM-MA4SW510_15 Datasheet
474Kb / 7P
HMIC Silicon SP5T PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194_14 Datasheet
1Mb / 6P
HMIC Silicon SP5T PIN Diode Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com