Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C4U7ATR Datasheet (PDF) - STMicroelectronics

STM32F103C4U7ATR Datasheet PDF - STMicroelectronics
Part # STM32F103C4U7ATR
Download  STM32F103C4U7ATR Download
File Size   1073.36 Kbytes
Page   80 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces

STM32F103C4U7ATR Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F103C4U7ATR Datasheet PDF - STMicroelectronics

Part # STM32F103C4U7ATR
Download  STM32F103C4U7ATR Click to download

File Size   1073.36 Kbytes
Page   80 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces

STM32F103C4U7ATR Datasheet (HTML) - STMicroelectronics


STM32F103C4U7ATR Product details


The STM32F103xx medium-density performance line family incorporates the high performance ARM Cortex™-M3 32-bit RISC core operating at a 72 MHz frequency, high speed embedded memories (Flash memory up to 128 Kbytes and SRAM up to 20 Kbytes), and an extensive range of enhanced I/Os and peripherals connected to two APB buses. All devices offer two 12-bit ADCs, three general purpose 16-bit timers plus one PWM timer, as well as standard and advanced  ommunication interfaces: up to two I2Cs and SPIs, three USARTs, an USB and a CAN.






Features

* ARM 32-bit Cortex™-M3 CPU Core

– 72 MHz maximum frequency, 1.25 DMIPS/MHz (Dhrystone 2.1) performance at 0 wait state memory access

– Single-cycle multiplication and hardware division





* Memories

– 64 or 128 Kbytes of Flash memory

– 20 Kbytes of SRAM



* Clock, reset and supply management

– 2.0 to 3.6 V application supply and I/Os

– POR, PDR, and programmable voltage detector (PVD)

– 4-to-16 MHz crystal oscillator

– Internal 8 MHz factory-trimmed RC

– Internal 40 kHz RC

– PLL for CPU clock

– 32 kHz oscillator for RTC with calibration




Similar Part No. - STM32F103C4U7ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103C4 STMICROELECTRONICS-STM32F103C4 Datasheet
1Mb / 90P
Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
14-May-2013
STM32F103C4 STMICROELECTRONICS-STM32F103C4 Datasheet
1Mb / 90P
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 com. interfaces
14-May-2013
STM32F103C4T6A STMICROELECTRONICS-STM32F103C4T6A Datasheet
1Mb / 90P
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 com. interfaces
14-May-2013
More results


Similar Description - STM32F103C4U7ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103X8 STMICROELECTRONICS-STM32F103X8_09 Datasheet
1Mb / 92P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
22-Sep-2009
STM32F103X4 STMICROELECTRONICS-STM32F103X4_10 Datasheet
1Mb / 85P
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers
20-May-2010
STM32F103X8 STMICROELECTRONICS-STM32F103X8_10 Datasheet
1Mb / 96P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
03-Jun-2010
STM32F103C8T7 STMICROELECTRONICS-STM32F103C8T7 Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
14-May-2013
STM32F103TBU6 STMICROELECTRONICS-STM32F103TBU6 Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
14-May-2013
STM32F103T8U7 STMICROELECTRONICS-STM32F103T8U7 Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
14-May-2013
STM32F103RBT7 STMICROELECTRONICS-STM32F103RBT7 Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
05-Aug-2013
STM32F103C4T6A STMICROELECTRONICS-STM32F103C4T6A Datasheet
1Mb / 90P
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 com. interfaces
14-May-2013
STM32F103CBU6 STMICROELECTRONICS-STM32F103CBU6 Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
05-Aug-2013
STM32F103RBT6 STMICROELECTRONICS-STM32F103RBT6 Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
05-Aug-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com