Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4VAT2000-1277T Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MA4VAT2000-1277T Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MA4VAT2000-1277T
Download  MA4VAT2000-1277T Download
File Size   86.26 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMIC PIN Diode Variable Attenuator 1.70 - 2.20 GHz

MA4VAT2000-1277T Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4VAT2000-1277T Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MA4VAT2000-1277T
Download  MA4VAT2000-1277T Click to download

File Size   86.26 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMIC PIN Diode Variable Attenuator 1.70 - 2.20 GHz

MA4VAT2000-1277T Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MA4VAT2000-1277T Product details

Description and Applications
M/A-COM’s MA4VAT2000-1277T is a HMIC PIN Diode Variable Attenuator which utilizes an integrated 90 degree 3dB hybrid with a pair of Silicon PIN Diodes to perform the required attenuation function as Voltage (Current) is applied. This device operates from 0 to 1.5 Volts at 260 uA typical control current for maximum attenuation. The user can add external biasing resistors to the bias ports for higher voltage requirements as required.

M/A-COM’s MA4VAT2000-1277T PIN Diode Variable Attenuator is designed for AGC Circuit Applications requiring:
• Lower Insertion Loss
• Lower distortion through attenuation
• Larger dynamic range for wide spread
   spectrum applications

Features
• RoHs and ELV compliant
• Bandwidth: 1.70 GHz to 2.20 GHz
• 1.2 dB Insertion Loss, Typical
• 1.4:1 VSWR, Typical
• 24 dB Attenuation, Typical
• 40 dBm IIP3, Typical ( 1MHz Offset, @ +0dBm Pinc )
• 0-1.5 Volt Control Voltage.
• User can add an External Resistor for higher
   D.C. Voltage requirements.

Extra Features
• Usable Bandwidth: 1.20 GHz to 2.50 GHz
• 1.5 dB Insertion Loss, Max
• 2:1 VSWR, Max
• 23 dB Attenuation, Max




Similar Part No. - MA4VAT2000-1277T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4VAT2000-1277T MACOM-MA4VAT2000-1277T Datasheet
313Kb / 4P
HMIC PIN Diode Variable Attenuator 1.70-2.20 GHz
logo
M/A-COM Technology Solu...
MA4VAT2000-1277T MA-COM-MA4VAT2000-1277T Datasheet
86Kb / 4P
HMIC PIN Diode Variable Attenuator
MA4VAT2000-1277T MA-COM-MA4VAT2000-1277T_15 Datasheet
620Kb / 5P
HMIC PIN Diode Variable Attenuator
More results


Similar Description - MA4VAT2000-1277T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4VAT900-1277T MACOM-MA4VAT900-1277T Datasheet
325Kb / 4P
HMIC PIN Diode Variable Attenuator 0.80-1.0 GHz
MA4VAT2000-1277T MACOM-MA4VAT2000-1277T Datasheet
313Kb / 4P
HMIC PIN Diode Variable Attenuator 1.70-2.20 GHz
MA4VAT2004-1061T MACOM-MA4VAT2004-1061T Datasheet
399Kb / 4P
High IIP3 PIN Diode Variable Attenuator 1.70-2.00 GHz
MA4VAT2007-1061T MACOM-MA4VAT2007-1061T Datasheet
405Kb / 4P
High IIP3 PIN Diode Variable Attenuator 1.70-2.00 GHz
logo
M/A-COM Technology Solu...
MA4VAT900-1277T MA-COM-MA4VAT900-1277T Datasheet
93Kb / 4P
HMIC PIN Diode Variable Attenuator 0.8 - 1.0 GHz
MA4VAT904-1061T MA-COM-MA4VAT904-1061T Datasheet
199Kb / 4P
High IIP3 PIN Diode Variable Attenuator 0.8 - 1.0 GHz
MA4VAT900-1277T MA-COM-MA4VAT900-1277T Datasheet
93Kb / 4P
HMIC PIN Diode Variable Attenuator
MA4VAT2000-1277T MA-COM-MA4VAT2000-1277T Datasheet
86Kb / 4P
HMIC PIN Diode Variable Attenuator
MA4VAT900-1277T MA-COM-MA4VAT900-1277T_15 Datasheet
633Kb / 5P
HMIC PIN Diode Variable Attenuator
MA4VAT2000-1277T MA-COM-MA4VAT2000-1277T_15 Datasheet
620Kb / 5P
HMIC PIN Diode Variable Attenuator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com