Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC-51 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAC-51 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAC-51
Download  MAC-51 Download
File Size   60.84 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description TO-5 Double-Balanced Mixer, 5 - 500 MHz

MAC-51 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAC-51 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAC-51
Download  MAC-51 Click to download

File Size   60.84 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description TO-5 Double-Balanced Mixer, 5 - 500 MHz

MAC-51 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAC-51 Product details

Description
Transformers convert the LO and RF paths to balanced lines connecting to a low barrier, Schottky diode ring quad. These transformers help provide excellent isolation between ports. Conversion Loss is low. The direct connection of the IF port to the diode quad allows these mixers to be used as phase detectors and bi-phase modulators.

Features
• Convenient Microstrip or Stripline Mounting
• Low Conversion Loss: 7 dB
• Impedance: 50 Ohms Nominal
• Maximum Input Power: 300 mW max. @ 25°C, Derated linearly to 85°C @ 3.2 mW/°C
• IF Port Current: 50 mA Max.
• MIL-STD-883 Screening Available




Similar Part No. - MAC-51

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAC-51 MACOM-MAC-51 Datasheet
120Kb / 3P
TO-5 Double-Balanced Mixer, 5 - 500 MHz
logo
M/A-COM Technology Solu...
MAC-51 MA-COM-MAC-51 Datasheet
60Kb / 3P
TO-5 Double-Balanced Mixer
logo
Tyco Electronics
MAC-51PIN MACOM-MAC-51PIN Datasheet
120Kb / 3P
TO-5 Double-Balanced Mixer, 5 - 500 MHz
logo
M/A-COM Technology Solu...
MAC-51 MA-COM-MAC-51_15 Datasheet
60Kb / 3P
TO-5 Double-Balanced Mixer
More results


Similar Description - MAC-51

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-108 MACOM-MD-108 Datasheet
200Kb / 2P
Double-Balanced Mixer, 5 - 500 MHz
MD20-0018-S MACOM-MD20-0018-S Datasheet
42Kb / 1P
Double Balanced Mixer 5 - 1500 MHz
logo
SIRENZA MICRODEVICES
CM-1H8 SIRENZA-CM-1H8 Datasheet
137Kb / 2P
Miniature High Level Double Balanced Mixer 5-500 MHz
logo
Tyco Electronics
MAC-51 MACOM-MAC-51 Datasheet
120Kb / 3P
TO-5 Double-Balanced Mixer, 5 - 500 MHz
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
Double-Balanced Mixer, 5 - 500 MHz
MD-158 MA-COM-MD-158 Datasheet
70Kb / 3P
Double-Balanced Mixer, 5 - 1500 MHz
MAC-50 MA-COM-MAC-50 Datasheet
61Kb / 3P
TO-5 Double-Balanced Mixer
MAC-51 MA-COM-MAC-51 Datasheet
60Kb / 3P
TO-5 Double-Balanced Mixer
MAC-50 MA-COM-MAC-50_15 Datasheet
61Kb / 3P
TO-5 Double-Balanced Mixer
MAC-51 MA-COM-MAC-51_15 Datasheet
60Kb / 3P
TO-5 Double-Balanced Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com