Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSG3DS5A31A Datasheet (PDF) - OptoSupply International

OSG3DS5A31A Datasheet PDF - OptoSupply International
Part # OSG3DS5A31A
Download  OSG3DS5A31A Download
File Size   95.77 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 5mm Round Flashing Bluish Green LED

OSG3DS5A31A Datasheet (PDF)

Go To PDF Page Download Datasheet
OSG3DS5A31A Datasheet PDF - OptoSupply International

Part # OSG3DS5A31A
Download  OSG3DS5A31A Click to download

File Size   95.77 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 5mm Round Flashing Bluish Green LED

OSG3DS5A31A Datasheet (HTML) - OptoSupply International




Similar Part No. - OSG3DS5A31A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG3DS5A31A OPTOSUPPLY-OSG3DS5A31A Datasheet
105Kb / 1P
5mm Round Flashing Blusih Green LED 1.8Hz 1/2 Duty Cycle
OSG3DS5A31A OPTOSUPPLY-OSG3DS5A31A_11 Datasheet
105Kb / 1P
5mm Round Flashing Blusih Green LED 1.8Hz 1/2 Duty Cycle
More results


Similar Description - OSG3DS5A31A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5SS5A31A OPTOSUPPLY-OSB5SS5A31A Datasheet
95Kb / 1P
5mm Round Flashing Blue LED
OSG3DA5C31C OPTOSUPPLY-OSG3DA5C31C Datasheet
97Kb / 1P
5mm Round Deluxe Bluish Green LED
OSG3DA5111P OPTOSUPPLY-OSG3DA5111P Datasheet
97Kb / 1P
Deluxe Power 5mm Round Bluish Green LED
OSG3DS3131A OPTOSUPPLY-OSG3DS3131A Datasheet
96Kb / 1P
3mm Flashing Bluish Green LED
OSG5DS5A31A OPTOSUPPLY-OSG5DS5A31A Datasheet
95Kb / 1P
5mm Round Flashing Pure Green LED
OSR5SS5A31A OPTOSUPPLY-OSR5SS5A31A Datasheet
95Kb / 1P
5mm Round Flashing Red LED
OSG38A5C31P OPTOSUPPLY-OSG38A5C31P Datasheet
105Kb / 1P
Deluxe Power 5mm Round Bluish Green LED
OSG38A5111P OPTOSUPPLY-OSG38A5111P Datasheet
107Kb / 1P
Deluxe Power 5mm Round Bluish Green LED
OSG3835141R OPTOSUPPLY-OSG3835141R Datasheet
137Kb / 1P
Tpower 5mm Round Bluish Green LED
OSG38A5111P OPTOSUPPLY-OSG38A5111P_11 Datasheet
176Kb / 1P
Deluxe Power 5mm Round Bluish Green LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com