Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5318 Datasheet (PDF) - Toshiba Semiconductor

2SC5318 Datasheet PDF - Toshiba Semiconductor
Part # 2SC5318
Download  2SC5318 Download
File Size   92.11 Kbytes
Page   1 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL PLANAR TYPE (VHF~UHF VAND LOW NOISE AMPLIFIER APPLICATIONS)

2SC5318 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5318 Datasheet PDF - Toshiba Semiconductor

Part # 2SC5318
Download  2SC5318 Click to download

File Size   92.11 Kbytes
Page   1 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL PLANAR TYPE (VHF~UHF VAND LOW NOISE AMPLIFIER APPLICATIONS)

2SC5318 Datasheet (HTML) - Toshiba Semiconductor


2SC5318 Product details

VHF~UHF VAND LOW NOISE AMPLIFIER APPLICATIONS (CHIP : fT = 16GHz series)

• Low Noise Figure : NF = 1.3 dB (f = 2 GHz)
• High Gain : Ga = 11.5 dB (f = 2 GHz)




Similar Part No. - 2SC5318

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5310 SANYO-2SC5310 Datasheet
44Kb / 4P
DC/DC Converter Applications
logo
Guangdong Kexin Industr...
2SC5310 KEXIN-2SC5310 Datasheet
42Kb / 2P
NPN Epitaxial Planar Silicon Transistors
logo
Toshiba Semiconductor
2SC5315 TOSHIBA-2SC5315 Datasheet
99Kb / 2P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC5316 TOSHIBA-2SC5316 Datasheet
99Kb / 2P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC5317 TOSHIBA-2SC5317 Datasheet
98Kb / 2P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
More results


Similar Description - 2SC5318

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4325 TOSHIBA-2SC4325 Datasheet
343Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC5091 TOSHIBA-2SC5091 Datasheet
345Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC5096FT TOSHIBA-2SC5096FT Datasheet
82Kb / 1P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC5097 TOSHIBA-2SC5097 Datasheet
346Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC5256FT TOSHIBA-2SC5256FT Datasheet
82Kb / 1P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC5259 TOSHIBA-2SC5259 Datasheet
158Kb / 3P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC5261FT TOSHIBA-2SC5261FT Datasheet
82Kb / 1P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC5317FT TOSHIBA-2SC5317FT Datasheet
83Kb / 1P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC5464FT TOSHIBA-2SC5464FT Datasheet
91Kb / 2P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
HN2C10FU TOSHIBA-HN2C10FU Datasheet
81Kb / 1P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com